Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJLXT972MCAA4 Datasheet(PDF) 10 Page - Intel Corporation

Part # DJLXT972MCAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJLXT972MCAA4 Datasheet(HTML) 10 Page - Intel Corporation

Back Button DJLXT972MCAA4 Datasheet HTML 6Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 7Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 8Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 9Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 10Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 11Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 12Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 13Page - Intel Corporation DJLXT972MCAA4 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
10
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
1.0
Introduction to This Document
This document includes information on the Intel
® LXT972M Single-Port 10/100 Mbps PHY
Transceiver (called hereafter the LXT972M Transceiver)
1.1
Document Overview
This document includes the following subjects:
• Chapter 2.0, “Block Diagram for Intel® LXT972M Transceiver”
• Chapter 3.0, “Pin Assignments for Intel® LXT972M Transceiver”
• Chapter 4.0, “Signal Descriptions for Intel® LXT972M Transceiver”
• Chapter 5.0, “Functional Description”
• Chapter 6.0, “Application Information”
• Chapter 7.0, “Electrical Specifications”
• Chapter 8.0, “Register Definitions - IEEE Base Registers”
• Chapter 9.0, “Register Definitions - Product-Specific Registers”
• Chapter 10.0, “Intel® LXT972M Transceiver Package Specifications”
• Chapter 11.0, “Product Ordering Information”
1.2
Related Documents
Table 1.
Related Documents from Intel
Document Title
Document
Number
Intel® LXT971A , LXT972A , LXT972M Single-Port 10/100 Mbps PHY
Transceivers Specification Update
249354
Intel® LXT971A, LXT972A, and LXT972M 3.3V PHY Transceivers
Design and Layout Guide - Application Note
249016
Magnetic Manufacturers for Networking Product Applications -
Application Note
248991


Similar Part No. - DJLXT972MCAA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJLXT971ALCA4 INTEL-DJLXT971ALCA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
DJLXT971ALEA4 INTEL-DJLXT971ALEA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
More results

Similar Description - DJLXT972MCAA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com