Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M81709FP Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # M81709FP
Description  High Voltage Half-Bridge Driver 600 Volts/짹2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81709FP Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  M81709FP Datasheet HTML 1Page - Powerex Power Semiconductors M81709FP Datasheet HTML 2Page - Powerex Power Semiconductors M81709FP Datasheet HTML 3Page - Powerex Power Semiconductors M81709FP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M81709FP
HVIC, High Voltage Half-Bridge Driver
600 Volts/±2A
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
6/05
Electrical Characteristics
Ta = 25°C, VCC = VBS (= VB – VS) = 15V unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max. Units
VCC Supply UV Hysteresis Voltage
VCCuvh
0.3
0.7
Volts
VCC Supply UV Filter Time
tVCCuv
7.5
µs
Output High Level Short Circuit Pulsed Current
IOH
VO = 0V, VIN = 5V, PW < 10µs
2.5
A
Output Low Level Short Circuit Pulsed Current
IOL
VO = 15V, VIN = 0V, PW < 10µs
2.5
A
Output High Level ON Resistance
ROH
IO = -200mA, ROH = (VOH – VO)/IO
10
13
Ω
Output Low Level ON Resistance
ROL
IO = 200mA, ROL = VO /IO
2.5
3.0
Ω
High Side Turn-On Propagation Delay
tdLH(HO)
CL = 1000pF between HO – VS
100
135
170
ns
High Side Turn-Off Propagation Delay
tdHL(HO)
CL = 1000pF between HO – VS
100
135
170
ns
High Side Turn-On Rise Time
trH
CL = 1000pF between HO – VS
20
35
ns
High Side Turn-Off Fall Time
tfH
CL = 1000pF between HO – VS
15
25
ns
LowSide Turn-On Propagation Delay
tdLH(LO)
CL = 1000pF between LO – GND
100
135
170
ns
Low Side Turn-Off Propagation Delay
tdHL(LO)
CL = 1000pF between LO – GND
100
135
170
ns
Low Side Turn-On Rise Time
trL
CL = 1000pF between LO – GND
20
35
ns
Low Side Turn-Off Fall Time
tfL
CL = 1000pF between LO – GND
15
25
ns
Delay Matching, High Side and Low Side Turn-On
ΔtdLH
| tdLH(HO) – tdLH(LO) |
30
ns
Delay Matching, High Side and Low Side Turn-Off
ΔtdHL
| tdHL(HO) – tdHL(LO) |
30
ns
0.5
1.5
2.0
THERMAL DERATING FACTOR
CHARACTERISTICS
TEMPERATURE, (°C)
0
25
75
100
125
0
1.0
50
FUNCTION TABLE (X : HORL)
HIN
LIN
VBS UV
VCC UV
HO
LO
Behavorial State
L
L
H
H
L
L
LO = HO = Low
L
H
H
H
L
H
LO = High
H
L
H
H
H
L
HO = High
H
H
H
H
L
L
LO = HO = Low
X
L
L
H
L
L
HO = Low, VBS UV Tripped
X
H
L
H
L
H
LO = High, VBS UV Tripped
L
X
H
L
L
L
LO = Low, VCC UV Tripped
H
X
H
L
L
L
HO = LO = Low, VCC UV Tripped
NOTE: “L” state of VBS UV, VCC UV means that UV trip voltage.
In the case of both input signals (HIN and LIN) are “H”, output signals (HO and LO) become “L”.


Similar Part No. - M81709FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81709FP MITSUBISHI-M81709FP Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results

Similar Description - M81709FP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M81713FP POWEREX-M81713FP Datasheet
219Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹500mA
M81707FP POWEREX-M81707FP Datasheet
223Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹100mA
M81706AFP POWEREX-M81706AFP Datasheet
222Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
M81019FP POWEREX-M81019FP Datasheet
353Kb / 8P
   High Voltage Half-Bridge Driver 1200 Volts/짹1 Ampere
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com