Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJLXT972MLCA4 Datasheet(PDF) 49 Page - Intel Corporation

Part # WJLXT972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

WJLXT972MLCA4 Datasheet(HTML) 49 Page - Intel Corporation

Back Button WJLXT972MLCA4 Datasheet HTML 45Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 46Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 47Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 48Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 49Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 50Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 51Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 52Page - Intel Corporation WJLXT972MLCA4 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
49
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.7.3.3
Twisted-Pair Physical Medium Dependent Sublayer
The twisted-pair Physical Medium Dependent (PMD) layer provides signal scrambling and de-
scrambling functions, line coding and decoding functions (MLT-3 for 100BASE-TX, Manchester
for 10BASE-T), as well as receiving, polarity correction, and baseline wander correction functions.
5.7.3.3.1
Scrambler/Descrambler
The purpose of the scrambler/descrambler is to spread the signal power spectrum and further
reduce EMI using an 11-bit, data-independent polynomial. The receiver automatically decodes the
polynomial whenever IDLE symbols are received.
Scrambler Seeding. Once the transmit data (or Idle symbols) are properly encoded, they are
scrambled to further reduce EMI and to spread the power spectrum using an 11-bit scrambler seed.
Five seed bits are determined by the PHY address, and the remaining bits are hard coded in the
design.
Scrambler Bypass. The scrambler/de-scrambler can be bypassed by setting Register bit 16.12 = 1.
Scrambler bypass is provided for diagnostic and test support.
5.7.3.3.2
Polarity Correction
The 100 Mbps twisted pair signaling is not polarity sensitive. As a result, the polarity status is not a
valid status indicator.
5.7.3.3.3
Baseline Wander Correction
The LXT972M Transceiver provides a baseline wander correction function for when the
LXT972M Transceiver is under network operating conditions. The MLT3 coding scheme used in
100BASE-TX is by definition “unbalanced”. As a result, the average value of the signal voltage
can “wander” significantly over short time intervals (tenths of seconds). This wander can cause
receiver errors at long-line lengths (100 meters) in less robust designs. Exact characteristics of the
wander are completely data dependent.
The LXT972M Transceiver baseline wander correction characteristics allow the device to recover
error-free data while receiving worst-case packets over all cable lengths.
5.7.3.3.4
Programmable Slew Rate Control
The LXT972M Transceiver device supports a programmable slew-rate mechanism whereby one of
four pre-selected slew rates can be used. (For details, see Table 56, “Transmit Control Register -
Address 30, Hex 1E” on page 89.) The slew-rate mechanism allows the designer to optimize the
output waveform to match the characteristics of the magnetics.


Similar Description - WJLXT972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com