Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJLXT972MLCA4 Datasheet(PDF) 52 Page - Intel Corporation

Part # DJLXT972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJLXT972MLCA4 Datasheet(HTML) 52 Page - Intel Corporation

Back Button DJLXT972MLCA4 Datasheet HTML 48Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 49Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 50Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 51Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 52Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 53Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 54Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 55Page - Intel Corporation DJLXT972MLCA4 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
52
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.9
Monitoring Operations
5.9.1
Monitoring Auto-Negotiation
Auto-negotiation can be monitored as follows:
Register bit 17.7 is set to ‘1’ once the auto-negotiation process is completed.
Register bits 1.2 and 17.10 are set to ‘1’ once the link is established.
Register bits 17.14 and 17.9 can be used to determine the link operating conditions (speed and
duplex).
Note:
When the LXT972M Transceiver detects incorrect polarity for a 10BASE-T operation, Register bit
17.5 is set to ‘1’.
5.9.2
Monitoring Next Page Exchange
The LXT972M Transceiver offers an Alternate Next Page mode to simplify the next page
exchange process. Normally, Register bit 6.1 (Page Received) remains set until read. When
Alternate Next Page mode is enabled, Register bit 6.1 is automatically cleared whenever a new
negotiation process takes place. This action prevents the user from reading an old value in bit 6.1
and assuming that Registers 5 and 8 (Partner Ability) contain valid information. Additionally, the
LXT972M Transceiver uses Register bit 6.5 to indicate when the current received page is the base
page. This information is useful for recognizing when next pages must be resent due to a new
negotiation process starting. Register bits 6.1 and 6.5 are cleared when read.


Similar Part No. - DJLXT972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJLXT971ALCA4 INTEL-DJLXT971ALCA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
DJLXT971ALEA4 INTEL-DJLXT971ALEA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
More results

Similar Description - DJLXT972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com