Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9859 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9859
Description  Universal hi-fi audio processor for TV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9859 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9859 Datasheet HTML 2Page - NXP Semiconductors TDA9859 Datasheet HTML 3Page - NXP Semiconductors TDA9859 Datasheet HTML 4Page - NXP Semiconductors TDA9859 Datasheet HTML 5Page - NXP Semiconductors TDA9859 Datasheet HTML 6Page - NXP Semiconductors TDA9859 Datasheet HTML 7Page - NXP Semiconductors TDA9859 Datasheet HTML 8Page - NXP Semiconductors TDA9859 Datasheet HTML 9Page - NXP Semiconductors TDA9859 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Sep 01
6
Philips Semiconductors
Preliminary specification
Universal hi-fi audio processor for TV
TDA9859
CHARACTERISTICS
VP =8V; Tamb =25 °C; treble and bass in linear positions (0 dB); volume control left/right 0 dB; spatial function,
pseudo-stereo function and forced-mono function in off position and measurements taken in Fig.1; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 6)
7.2
8.0
8.8
V
IP
supply current (pin 6)
25
mA
Vref
internal reference voltage
0.5VP
V
V4
voltage at pin 4
VP − 0.1 −
V
DC voltage on pins
VI
DC input voltage at pins 1, 3, 5, 10, 23,
28, 30 and 32 (inputs SCIN, MIN, LIN
and AIN)
0.5VP
V
VO
DC output voltage at pins 7, 9, 15, 18,
24, 26 (outputs SCOUT, MOUT
and LOUT)
0.5VP
V
VC
DC voltage on capacitors (pins 11, 12,
14, 19, 21, 22, 27 and 29)
0.5VP
V
Audio select switch; line and SCART outputs (controlled via I2C-bus); see Table 4
Vi(rms)
maximum AF input signal on
pins SCIN, MIN and AIN (RMS value)
THD
≤ 0.5% on output
pins
2
−−
V
Ri
input resistance (pins SCIN, MIN and
AIN)
20
30
40
k
B−0.5 dB
−0.5 dB bandwidth for pins SCOUT,
MOUT and LOUT.
20
20 000
Hz
Vo(rms)
maximum AF output signal on
pins SCOUT and MOUT (RMS value)
THD
≤ 0.5%
2
−−
V
RL
allowed external load resistance
on output (pins MOUT)
10
−−
k
on output (pins SCOUT)
5
−−
k
Gv
voltage gain from any input to SCART
and MAIN outputs
0
dB
αcr
switch crosstalk on outputs between
AF inputs at f = 10 kHz
unused inputs connected
to ground
90
dB
Volume control common (f = 1 kHz, 55 steps)
Vi(rms)
maximum input signal (RMS value;
pins LIN)
Gv = 0; THD ≤ 0.5% on
output pins 15 and 18
2
−−
V
Ri
input resistance (pins LIN)
7.5
10
k
Gv
volume control common voltage gain
nominal
−40
+15
dB
minimum
−38
+14
dB


Similar Part No. - TDA9859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9859 NXP-TDA9859 Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
More results

Similar Description - TDA9859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
TDA9860 PHILIPS-TDA9860 Datasheet
124Kb / 18P
   Universal HiFi audio processor for TV
July 1994
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
NXP Semiconductors
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com