Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTIR0711S Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KTIR0711S
Description  PHOTO-INTERRUPTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KTIR0711S Datasheet(HTML) 1 Page - Kingbright Corporation

  KTIR0711S Datasheet HTML 1Page - Kingbright Corporation KTIR0711S Datasheet HTML 2Page - Kingbright Corporation KTIR0711S Datasheet HTML 3Page - Kingbright Corporation KTIR0711S Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: KDA0661
REV NO: V.1
DATE: OCT/31/2001
PAGE: 1 OF4
APPROVED: J.Lu
CHECKED :
DRAWN: X.H.FU
KTIR0711S
PHOTO-INTERRUPTER
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
Compact and thin
!
Visible light cut-of f type
!
High sensitivity
Applications
!
Cassette tape recorders,VCRs.
!
Floppy disk drives.
!
Various microcomputerized control equipment.
Package Dimensions
Absolute Maximum Ratings (T==25°°°°°C)
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sg
n
it
a
Rg
n
it
a
R
g
n
it
a
R
g
n
it
a
Rg
n
it
a
Rti
n
Uti
n
U ti
n
U ti
n
Uti
n
U
t
u
p
n
I
t
n
e
r
r
u
c
d
r
a
w
r
o
F
I F
0
5A
m
e
g
a
tl
o
v
e
s
r
e
v
e
R
VR
5V
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
P5
7W
m
t
u
p
t
u
O
e
g
a
tl
o
v
r
e
tt
i
m
e
-
r
o
t
c
e
ll
o
C
V O
E
C
0
3V
e
g
a
tl
o
v
r
o
t
c
e
ll
o
c
-
r
e
tt
i
m
E
V O
C
E
5V
t
n
e
r
r
u
c
r
o
t
c
e
ll
o
C
I C
0
2A
m
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
PC
5
7W
m
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
r
p
o
T5
8
+
~
5
2
-
°C
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
g
t
s
T0
0
1
+
~
0
4
-
°C
)
s
d
n
o
c
e
s
5
r
o
f
y
d
o
b
m
o
rf
h
c
n
i
6
1
/
1
(
e
r
u
t
a
r
e
p
m
e
t
g
n
ir
e
d
l
o
S
l
o
s
T0
6
2
°C
Digitally signed by wyne chiu
cn=wyne chiu, c=CN
Date: 2001.11.07 11:04:38 +08'00'
Reason: <none>
shenzheng


Similar Part No. - KTIR0711S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KTIR0721DS KINGBRIGHT-KTIR0721DS Datasheet
145Kb / 4P
   PHOTO-INTERRUPTER
More results

Similar Description - KTIR0711S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
   Photo Interrupter
KIT5002C KODENSHI-KIT5002C Datasheet
189Kb / 3P
   Photo Interrupter
KIT5038C KODENSHI-KIT5038C Datasheet
223Kb / 3P
   Photo Interrupter
KIT8002A KODENSHI-KIT8002A Datasheet
159Kb / 5P
   Photo Interrupter
KPI511 KODENSHI-KPI511 Datasheet
207Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com