Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15011 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15011
Description  Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15011 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15011 Datasheet HTML 1Page - Maxim Integrated Products MAX15011 Datasheet HTML 2Page - Maxim Integrated Products MAX15011 Datasheet HTML 3Page - Maxim Integrated Products MAX15011 Datasheet HTML 4Page - Maxim Integrated Products MAX15011 Datasheet HTML 5Page - Maxim Integrated Products MAX15011 Datasheet HTML 6Page - Maxim Integrated Products MAX15011 Datasheet HTML 7Page - Maxim Integrated Products MAX15011 Datasheet HTML 8Page - Maxim Integrated Products MAX15011 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX15009 includes a 300mA LDO regulator, a
switched output, and an overvoltage protection (OVP)
controller to protect downstream circuits from high-volt-
age load dump. The MAX15011 includes only the 300mA
LDO regulator and switched output. Both devices operate
over a wide supply voltage range from 5V to 40V and are
able to withstand load-dump transients up to 45V. The
MAX15009/MAX15011 feature short-circuit and thermal-
shutdown protection. These devices offer highly integrat-
ed power management solutions for automotive
applications such as instrument clusters, climate control,
and a variety of automotive power-supply circuits.
The 300mA LDO regulator consumes 70µA quiescent
current at light loads and is well suited to power always-
on circuits during “key off” conditions. The LDO features
independent enable and hold inputs, as well as a micro-
processor (µP) reset output with adjustable reset timeout
period.
The switched output of the MAX15009/MAX15011
incorporates a low RDS(ON) (0.28Ω, typ) pass transistor
switch internally connected to the output of the LDO
regulator. This switch features accurate current-limit
sensing circuitry and is capable of controlling remote
loads. The MAX15009/MAX15011 feature an adjustable
current limit and a programmable delay timer to set the
overcurrent detection blanking time of the switch and
autoretry timeout.
The MAX15009 OVP controller operates with an external
enhancement mode n-channel MOSFET. While the moni-
tored voltage remains below the adjustable threshold, the
MOSFET stays on. When the monitored voltage exceeds
the OVP threshold, the OVP controller quickly turns off the
external MOSFET. The OVP controller is configurable as a
load-disconnect switch or a voltage limiter.
The MAX15009/MAX15011 are available in a thermally
enhanced, 32-pin (5mm x 5mm), TQFN package and are
fully specified over the -40°C to +125°C automotive oper-
ating temperature range.
Applications
Instrument Clusters
Climate Control
AM/FM Radio Power Supply
Multimedia Power Supply
Telematics Power Supply
Features
♦ 300mA LDO Regulator, Switched Output, and OVP
Controller (MAX15009)
♦ 300mA LDO Regulator and Switched Output
(MAX15011)
♦ 5V to 40V Wide Operating Supply Voltage Range
♦ 45V Load Dump Protection
♦ 70µA Quiescent Current LDO Regulator
♦ OVP Controller Disconnects or Limits Output
Voltage During Battery Overvoltage Conditions
♦ LDO Regulator with Enable, Hold, and Reset
Features
♦ Internal 0.28Ω (typ) n-Channel Switch for
Switched Output
♦ 100mA Switched Output with Adjustable Current-
Limit Blanking/Autoretry Delay
Automotive 300mA LDO Regulators with
Switched Output and Overvoltage Protector
________________________________________________________________
Maxim Integrated Products
1
MAX15009
TQFN
(5mm x 5mm)
+
TOP VIEW
29
30
28
27
12
11
13
14
12
OUT_SW
45
6
7
23
24
22
20
19
18
N.C.
N.C.
N.C.
SOURCE
GATE
N.C.
3
21
31
10
N.C.
FB_PROT
32
9
N.C.
CT
OUT_SW
26
15
FB_LDO
*EP
*EP = EXPOSED PAD
N.C.
25
16
EN_LDO
8
17
HOLD
Pin Configurations
19-0923; Rev 0; 8/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuits and Selector Guide appear at end
of data sheet.
Pin Configurations continued at end of data sheet.
Ordering Information
+
Denotes a lead-free package.
For tape and reel, add a T after “+.”
*
Future product—contact factory for availability.
**
EP = Exposed pad.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX15009ATJ+
-40°C to +125°C
32 TQFN-EP** T3255-4
MAX15011ATJ+*
-40°C to +125°C
32 TQFN-EP** T3255-4


Similar Part No. - MAX15011

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1501 MAXIM-MAX1501 Datasheet
367Kb / 15P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
Rev 0; 4/03
MAX1501 MAXIM-MAX1501 Datasheet
230Kb / 16P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
2014
MAX15010 MAXIM-MAX15010 Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15010ATJ++ MAXIM-MAX15010ATJ+ Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
More results

Similar Description - MAX15011

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15008 MAXIM-MAX15008 Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Rohm
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Rohm
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com