Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16821A Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16821A
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821A Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16821A Datasheet HTML 16Page - Maxim Integrated Products MAX16821A Datasheet HTML 17Page - Maxim Integrated Products MAX16821A Datasheet HTML 18Page - Maxim Integrated Products MAX16821A Datasheet HTML 19Page - Maxim Integrated Products MAX16821A Datasheet HTML 20Page - Maxim Integrated Products MAX16821A Datasheet HTML 21Page - Maxim Integrated Products MAX16821A Datasheet HTML 22Page - Maxim Integrated Products MAX16821A Datasheet HTML 23Page - Maxim Integrated Products MAX16821A Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Boost:
The crossover frequency of the inner current loop is
given by:
For adequate phase margin at crossover, place the zero
formed by RCF and CCZ at least 3 to 5 times below the
crossover frequency. The pole formed by RCF and CCP
is added to eliminate noise spikes riding on the current
waveform and is placed at the switching frequency.
PWM Dimming
Even though the MAX16821A/MAX16821B/MAX16821C
do not have a separate PWM input, PWM dimming can
be easily achieved by means of simple external circuitry.
See Figures 10 and 11.
f
R
V
V
L
gR
C
S
RAMP
LED
mCF
.
××
××
×
2
34 5
π
R
Vf
L
AR
V
V
g
CF
RAMP
SW
V
S
LED
IN
m
(
)
××
××
×
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
20
______________________________________________________________________________________
1
2
3
4
5
6
8
7
21
20
19
18
17
16
15
9
10
11
12
13
14
22
23
24
25
26
27
28
Q1
L1
VLED
C4
LED
STRING
VIN
C2
D2
VIN
7V TO 28V
C11
C10
C9
C8
R9
R5
R10
R3
R4
VCC
ON/OFF
R7
R6
PGND
N.C.
N.C.
DL
BST
LX
DH
I.C.
OUTV
RT/SYNC
EN
MODE
CLKOUT
SGND
SGND
SENSE-
SENSE+
SGND
IN
VCC
VDD
OVI
CLP
EAOUT
EAN
DIFF
CSN
CSP
MAX16821A
MAX16821B
MAX16821C
VLED
C3
C7
C6
C5
R1
R2
R9
Q2
PWM DIM
Q3
Figure 10. Low-Side Buck LED Driver with PWM Dimming (Patent Pending)


Similar Part No. - MAX16821A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com