Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE9002 Datasheet(PDF) 3 Page - NEC

Part # NE9002
Description  Ku-BAND MEDIUM POWER GaAs MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE9002 Datasheet(HTML) 3 Page - NEC

  NE9002 Datasheet HTML 1Page - NEC NE9002 Datasheet HTML 2Page - NEC NE9002 Datasheet HTML 3Page - NEC NE9002 Datasheet HTML 4Page - NEC NE9002 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NE9000, NE9001, NE9002 SERIES
TYPICAL SMALL SIGNAL SCATTERING PARAMETERS
NE900000
VDS = 8 V, ID = 50 mA
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2000
.96
-42
3.00
148
.04
69
.80
-11
3000
.90
-59
2.71
136
.04
66
.78
-12
4000
.87
-73
2.48
125
.05
62
.76
-13
5000
.85
-85
2.28
114
.06
58
.74
-17
6000
.82
-94
2.10
105
.06
55
.72
-20
7000
.79
-103
1.94
96
.07
53
.71
-24
8000
.75
-112
1.79
88
.07
52
.70
-28
9000
.73
-120
1.64
80
.07
52
.70
-32
10000
.72
-128
1.51
73
.07
53
.70
-34
11000
.71
-134
1.38
67
.07
55
.71
-36
12000
.72
-140
1.27
62
.07
58
.71
-38
13000
.73
-144
1.17
58
.07
63
.71
-39
14000
.74
-147
1.09
54
.07
69
.71
-40
15000
.75
-149
1.04
51
.08
74
.71
-41
16000
.74
-151
1.01
48
.09
78
.70
-43
17000
.71
-152
1.03
45
.10
81
.69
-47
18000
.65
-155
1.10
40
.11
82
.68
-53
NE900100
VDS = 8 V, ID = 90 mA
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2000
.91
-63
4.54
137
.05
63
.47
-26
3000
.82
-81
3.70
124
.05
55
.46
-33
4000
.77
-97
3.14
111
.06
51
.44
-38
5000
.75
-110
2.75
100
.06
48
.43
-43
6000
.74
-120
2.44
91
.07
47
.41
-47
7000
.74
-129
2.17
83
.07
48
.40
-53
8000
.73
-135
1.93
77
.07
49
.39
-58
9000
.72
-141
1.70
71
.07
52
.39
-64
10000
.72
-145
1.50
67
.07
55
.40
-70
11000
.72
-148
1.34
62
.07
60
.41
-76
12000
.72
-150
1.21
58
.07
65
.43
-81
13000
.73
-152
1.13
55
.08
70
.46
-86
14000
.73
-153
1.08
51
.08
74
.47
-90
15000
.74
-155
1.05
48
.09
78
.49
-94
16000
.73
-157
1.03
44
.10
80
.49
-98
17000
.71
-161
1.00
41
.12
82
.46
-102
18000
.67
-167
.93
36
.13
82
.41
-109


Similar Part No. - NE9002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE9002 RENESAS-NE9002 Datasheet
482Kb / 8P
   GaAs MES FET
1987
NE900200 RENESAS-NE900200 Datasheet
482Kb / 8P
   GaAs MES FET
1987
NE900200G RENESAS-NE900200G Datasheet
482Kb / 8P
   GaAs MES FET
1987
NE900275 RENESAS-NE900275 Datasheet
482Kb / 8P
   GaAs MES FET
1987
NE900276 RENESAS-NE900276 Datasheet
482Kb / 8P
   GaAs MES FET
1987
More results

Similar Description - NE9002

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com