Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9829T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9829T
Description  Downconverter for DVB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9829T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9829T Datasheet HTML 1Page - NXP Semiconductors TDA9829T Datasheet HTML 2Page - NXP Semiconductors TDA9829T Datasheet HTML 3Page - NXP Semiconductors TDA9829T Datasheet HTML 4Page - NXP Semiconductors TDA9829T Datasheet HTML 5Page - NXP Semiconductors TDA9829T Datasheet HTML 6Page - NXP Semiconductors TDA9829T Datasheet HTML 7Page - NXP Semiconductors TDA9829T Datasheet HTML 8Page - NXP Semiconductors TDA9829T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Nov 09
2
Philips Semiconductors
Product specification
Downconverter for DVB
TDA9829T
FEATURES
• 5 V supply voltage
• Gain controlled IF-amplifier
• Mixer for DVB-IF downconversion
• VCO for Quadrature Amplitude Modulation (QAM)
carrier recovery
• External VCO control
• Internal and external AGC
• DVB output level adjust via AGC adjust
• High level DVB operational output amplifier
• Mute switch for DVB output
• Tuner AGC with adjustable takeover point (TOP)
• AFC detector without extra reference circuit
• Stabilizer circuit for ripple rejection and to achieve
constant output signals.
GENERAL DESCRIPTION
The TDA9829T is an integrated circuit for DVB-IF
processing.
QUICK REFERENCE DATA
Notes
1. Performance may be decreased at VP = 4.5 V.
2. This parameter is not tested during production and is only given as application information for designing the television
receiver.
3. To match the AFC output signal to different tuning systems a current source output is provided. The test circuit is
given in Fig.4. The AFC-steepness can be changed by the resistors at pin 14.
4. Depending on the ratio
∆C/C0 of the LC resonant circuit of VCO (Q0 > 50; C0 =Cint +Cext; see Table 2).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4.5
5.0
5.5
V
IP
supply current
81
96
111
mA
V3-4(rms)
input sensitivity (RMS value)
−1 dB DVB signal at output
100
150
µV
∆ϕ
SSB
VCO phase noise
f = 100 kHz; free-running
103
107
dBc/Hz
α
mute
mute attenuation
note 2
36
dB
I12(sink)
sink current
maximum tuner gain
reduction; see Fig.3
1.5
2
2.6
mA
CRstps(US)
control steepness
∆I14/∆fIF for
USA
fIF = 43.75 MHz;
notes 3 and 4; see Fig.4
0.7
0.98
1.3
µA/kHz
V11(p-p)
output voltage
(peak-to-peak value)
CL < 15 pF; RL >5kΩ; with
internal AGC
1.8
2.1
2.4
V
B−1dB
−1 dB bandwidth
CL < 15 pF; RL >5kΩ
11
12
MHz
αH
suppression of in-band harmonics Vo = 2.0 V (p-p)
30
35
dB
PSRR
power supply ripple rejection at
pin 11
see Fig.5
26
36
dB


Similar Part No. - TDA9829T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9820T PHILIPS-TDA9820T Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
More results

Similar Description - TDA9829T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
   TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
TEMIC Semiconductors
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com