Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4959 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4959
Description  High-Voltage OVP with Battery Switchover
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX4959 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4959 Datasheet HTML 1Page - Maxim Integrated Products MAX4959 Datasheet HTML 2Page - Maxim Integrated Products MAX4959 Datasheet HTML 3Page - Maxim Integrated Products MAX4959 Datasheet HTML 4Page - Maxim Integrated Products MAX4959 Datasheet HTML 5Page - Maxim Integrated Products MAX4959 Datasheet HTML 6Page - Maxim Integrated Products MAX4959 Datasheet HTML 7Page - Maxim Integrated Products MAX4959 Datasheet HTML 8Page - Maxim Integrated Products MAX4959 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +19V, TA = -40°C to +85°C, unless otherwise noted, CVDD = 100nF. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE1 Leakage Current
G1ILKG
VOVS > OVREF, VUVS < UVREF, or VCB = +5V
-1
+1
µA
GATE2 Leakage Current
G2ILKG
VCB = 0V
-1
+1
µA
CB
Logic-Level High
VIH
1.5
V
Logic-Level Low
VIL
0.4
V
CB Pulldown Resistor
RCBPD
123
M
Ω
TIMING
Debounce Time
tDEB
VOVP > VIN > VUVP for greater than tDEB for
GATE1 to go low
10
25
40
ms
GATE1 Assertion Delay from
CB Pin
t1GATE
CB = +3V to 0
rise time = fall time = 5ns (Note 3)
50
ns
GATE2 Assertion Delay from
CB Pin
t2GATE
CB = 0 to +3V
rise time = fall time = 5ns (Note 3)
50
ns
Blanking Time
tBLANK
10
25
40
ms
MAX4960
SOURCE1/GATE1 Resistance
RSG
(MAX4960)
140
200
260
k
Ω
GATE1/Ground Resistance
RGG
GATE1 Asserted (MAX4960)
140
200
260
k
Ω
Note 1: Operation is tested at TA= +25°C and guaranteed by design for µDFN package. Operation over specified temperature range
is tested for µMAX package.
Note 2: Do not exceed absolute maximum rating; the ratio between the externally set OVLO and UVLO threshold must not exceed 4,
[OVLO/UVLO]MAX ≤ 4.
Note 3: Assertion delay starts from switching of CB pin to reaching of 80% of GATE1/GATE2 transition. This delay is measured without
external capacitive load.
High-Voltage OVP with Battery Switchover
_______________________________________________________________________________________
3
POWER-UP RESPONSE
(RPULLUP = 1k
Ω)
TIME (
μs)
100
50
0
-50
-100
0
2
4
6
8
10
12
-2
-150
150
VIN
VDD
VGATE1
OVERVOLTAGE RESPONSE
(RPULLUP = 5k
Ω)
TIME (
μs)
100
50
0
-50
-100
5
10
15
20
25
30
0
-150
150
VIN
VDD
VGATE1
UNDERVOLTAGE RESPONSE
(WITHIN BLANKING TIME)
(RPULLUP = 1k
Ω)
TIME (
μs)
60
50
10
20
30
40
2
4
6
8
10
12
14
16
0
070
DRAIN OF P1
VIN
VGATE1
Typical Operating Characteristics
(VOVLO = 22.2V and VUVLO = 10.1V, R1 = 887kΩ, R2 = 66.5kΩ, R3 = 54.9kΩ, all resistors 1%, OVREF = UVREF = 1.228V.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn