Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2256V-S Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2256V-S
Description  Electronic Volume Controller IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256V-S Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2256V-S Datasheet HTML 1Page - Princeton Technology Corp PT2256V-S Datasheet HTML 2Page - Princeton Technology Corp PT2256V-S Datasheet HTML 3Page - Princeton Technology Corp PT2256V-S Datasheet HTML 4Page - Princeton Technology Corp PT2256V-S Datasheet HTML 5Page - Princeton Technology Corp PT2256V-S Datasheet HTML 6Page - Princeton Technology Corp PT2256V-S Datasheet HTML 7Page - Princeton Technology Corp PT2256V-S Datasheet HTML 8Page - Princeton Technology Corp PT2256V-S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 3 -
August, 2006
Electronic Volume Controller IC
PT2256V
PIN CONFIGURATION
VSS
OUT1
IN1
LT1
AGND
/UP
/DN
OSC
VDD
OUT2
IN2
LT2
AGND
DCO
/INH
/RST
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
PT2256V
PIN DESCRIPTION
Pin Number
I/O
Description
Pin No.
VSS
-
Negative Power Supply
1
OUT1
O
Volume Output Pin 1
2
IN1
I
Volume Input Pin 1
3
LT1
O
Tap Output Pin 1 for Loudness Function
4
AGND
-
Analog Ground Pins 1
5, 12
UP
I
Volume UP Control Input Pin. The
1 step/1 push volume is controlled by pressing the UP Key. If
the key has been pushed continuously increase. Built-in
Pull-up Resistor.
6
DN
I
Volume DOWN Control Input Pin. The
1 step/1 push volume is controlled by pressing the DOWN
Key. If the key is continuously pressed, the volume control will
continuously decrease. Built-in Pull-up Resistor.
7
OSC
I/O
Oscillation Pin.
The oscillation circuit of a resistor and capacitor connection.
Oscillator is activated when the key is pressed.
8
RST
I
Reset Pin.
This pin sets the initial volume level. The volume level is set to
-46dB by “L” Input. Built-in Pull-up Resistor Low Active
9
/INH
I
Backup Mode Input Pin
10
DCO
O
DC Output Pin for Volume Level Meter
11
LT2
O
Tap Output Pin 2 for Loudness Function
13
IN2
I
Volume Input Pin 2
14
OUT2
O
Volume Output Pin 2
15
VDD
-
Positive Power Supply
16


Similar Part No. - PT2256V-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2256-S PTC-PT2256-S Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256-S PTC-PT2256-S Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2256-SL PTC-PT2256-SL Datasheet
394Kb / 21P
   Electronic Volume Controller IC
More results

Similar Description - PT2256V-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
   Electronic Volume Controller IC
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com