Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9812T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9812T
Description  Multistandard VIF-PLL and FM-PLL/AM demodulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9812T Datasheet HTML 3Page - NXP Semiconductors TDA9812T Datasheet HTML 4Page - NXP Semiconductors TDA9812T Datasheet HTML 5Page - NXP Semiconductors TDA9812T Datasheet HTML 6Page - NXP Semiconductors TDA9812T Datasheet HTML 7Page - NXP Semiconductors TDA9812T Datasheet HTML 8Page - NXP Semiconductors TDA9812T Datasheet HTML 9Page - NXP Semiconductors TDA9812T Datasheet HTML 10Page - NXP Semiconductors TDA9812T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1995 Mar 21
7
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
FUNCTIONAL DESCRIPTION
Vision IF amplifier
The vision IF amplifier consists of three AC-coupled
differential amplifier stages. Each differential stage
comprises a feedback network controlled by emitter
degeneration.
Tuner and VIF AGC
The AGC capacitor voltage is transferred to an internal IF
control signal, and is fed to the tuner AGC to generate the
tuner AGC output current (open-collector output). The
tuner AGC take-over point can be adjusted. This allows the
tuner and the SWIF filter to be matched to achieve the
optimum IF input level.
The AGC detector charges/discharges the AGC capacitor
to the required voltage for setting of VIF and tuner gain in
order to keep the video signal at a constant level.
Therefore for negative video modulation the sync level and
for positive video modulation the peak white level of the
video signal is detected. In order to reduce the reaction
time for positive modulation, where a very large time
constant is needed, an additional level detector increases
the discharging current of the AGC capacitor (fast mode)
in the event of a decreasing VIF amplitude step. The
additional level information is given by the black-level
detector voltage.
Frequency-Phase detector (FPLL)
The VIF-amplifier output signal is fed into a frequency
detector and into a phase detector via a limiting amplifier.
During acquisition the frequency detector produces a DC
current proportional to the frequency difference between
the input and the VCO signal. After frequency lock-in the
phase detector produces a DC current proportional to the
phase difference between the VCO and the input signal.
The DC current of either frequency detector or phase
detector is converted into a DC voltage via the loop filter,
which controls the VCO frequency. In the event of positive
modulated signals the phase detector is gated by
composite sync in order to avoid signal distortion for
overmodulated VIF signals.
VCO, travelling wave divider and AFC
The VCO operates with a resonance circuit (with L and C
in parallel) at double the PC frequency. The VCO is
controlled by two integrated variable capacitors. The
control voltage required to tune the VCO from its free-
running frequency to actually double the PC frequency is
generated by the Frequency-Phase detector and fed via
the loop filter to the first variable capacitor (FPLL). This
control voltage is amplified and additionally converted into
a current which represents the AFC output signal. The
VCO centre frequency can be decreased (required for
L/L accent standard) by activating an additional internal
capacitor. This is achieved by using the L/L accent switch.
In this event the second variable capacitor can be
controlled by a variable resistor at the L/L accent switch for
setting the VCO centre frequency to the required
L/L accent value. At centre frequency the AFC output
current is equal to zero.
The oscillator signal is divided-by-two with a Travelling
Wave Divider (TWD) which generates two differential
output signals with a 90 degree phase difference
independent of the frequency.
Video demodulator and amplifier
The video demodulator is realized by a multiplier which is
designed for low distortion and large bandwidth. The vision
IF input signal is multiplied with the ‘in phase’ signal of the
travelling wave divider output. In the demodulator stage
the video signal polarity can be switched in accordance
with the TV standard.
The demodulator output signal is fed via an integrated
low-pass filter for attenuation of the carrier harmonics to
the video amplifier. The video amplifier is realized by an
operational amplifier with internal feedback and high
bandwidth. A low-pass filter is integrated to achieve an
attenuation of the carrier harmonics for B/G and
L standard. The standard dependent level shift in this
stage delivers the same sync level for positive and
negative modulation. The video output signal is 1 V (p-p)
for nominal vision IF modulation.


Similar Part No. - TDA9812T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814 PHILIPS-TDA9814 Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
More results

Similar Description - TDA9812T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com