Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17431 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA17431
Description  Shunt Regulato
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17431 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA17431 Datasheet HTML 2Page - Renesas Technology Corp HA17431 Datasheet HTML 3Page - Renesas Technology Corp HA17431 Datasheet HTML 4Page - Renesas Technology Corp HA17431 Datasheet HTML 5Page - Renesas Technology Corp HA17431 Datasheet HTML 6Page - Renesas Technology Corp HA17431 Datasheet HTML 7Page - Renesas Technology Corp HA17431 Datasheet HTML 8Page - Renesas Technology Corp HA17431 Datasheet HTML 9Page - Renesas Technology Corp HA17431 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HA17431 Series
REJ03D0678-0300 Rev.3.00 Apr 03, 2007
Page 6 of 19
MPAK-5V(5-pin), MPAKV(3-pin) and UPAKV Marking Patterns
The marking patterns shown below are used on MPAK-5V, MPAKV and UPAKV products. Note that the product code
and mark pattern are different. The pattern is laser-printed.
(b)
(2)
(c)
(4)
(1)
(a)
P
4
HA17431VLP
NC
PS
REF
A
K
(b)
(2)
(c)
(4)
(1)
(a)
A
3
REF
A
K
HA17431VLTP
(b)
(2)
(c)
(4)
(1)
(a)
B
3
K
A
REF
HA17432VLTP
HA17431UA
(3)
(4)
(1)
(2)
(5)
REF
AA
K
4A
Band mark
HA17431VUP
(3)
(4)
(1)
(2)
(5)
REF
A
K
4R
A
Band mark
A
HA17432UA
(3)
(4)
(1)
(2)
(5)
K
A
REF
4C
Band mark
K
A
REF
HA17432VUP
(3)
(4)
(1)
(2)
(5)
4S
A
Band mark
Notes: 1. Boxes (1) to (5) in the figures show the position of the letters or numerals, and are not actually marked on the
package.
2. The letters (1) and (2) show the product specific mark pattern.
Product
(1)
(2)
HA17431VLP
4
P
HA17431VUP
4
R
HA17432VUP
4
S
HA17431VLTP
3
A
HA17432VLTP
3
B
HA17431UA
4
A
HA17432UA
4
C
3. The letter (3) shows the production year code (the last digit of the year) for UPAKV products.
4. The bars (a), (b) and (c) show a production year code for MPAK-5V and MPAKV products as shown below.
After 2015 the code is repeated every 8 years.
Year
2007
2008
2009
2010
2011
2012
2013
2014
(a)
Bar
Bar
None
None
None
None
Bar
Bar
(b)
Bar
Bar
None
None
Bar
Bar
None
None
(c)
None
Bar
None
Bar
None
Bar
None
Bar
5. The letter (4) shows the production month code (see table below).
Production month
Jan.
Feb.
Mar.
Apr.
May.
Jun.
Jul.
Aug.
Sep.
Oct.
Nov.
Dec.
Marked code
A
B
C
D
E
F
G
H
J
K
L
M
6. The letter (5) shows manufacturing code. For UPAKV products.


Similar Part No. - HA17431

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431 HITACHI-HA17431 Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431FP HITACHI-HA17431FP Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431FPA HITACHI-HA17431FPA Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431FPA HITACHI-HA17431FPA Datasheet
47Kb / 11P
   High-Precision Variable Shunt Regulators
HA17431FPA HITACHI-HA17431FPA Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
More results

Similar Description - HA17431

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ78L08-SOT-23-3L JIANGSU-CJ78L08-SOT-23-3L Datasheet
137Kb / 2P
   Three-terminal positive voltage regulato
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08-SOT-32-L WINNERJOIN-WEJ78L08-SOT-32-L Datasheet
145Kb / 1P
   Three-terminal positive voltage regulato
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
Fortune Semiconductor C...
FS1117 FORTUNE-FS1117 Datasheet
764Kb / 9P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulato
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
Texas Instruments
TPS763 TI-TPS763_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOUT LINEAR REGULATO
logo
Panasonic Semiconductor
AN77L00 PANASONIC-AN77L00 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
logo
Zhejiang DongYa Electro...
SH-L DONGYA-SH-L Datasheet
941Kb / 2P
   Shunt
SH-T DONGYA-SH-T Datasheet
993Kb / 3P
   Shunt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com