Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q3A3609ABG-30R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1Q3A3609ABG-30R
Description  36-Mbit QDR™II SRAM 4-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q3A3609ABG-30R Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1Q3A3609ABG-30R Datasheet HTML 1Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 2Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 3Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 4Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 5Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 6Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 7Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 8Page - Renesas Technology Corp R1Q3A3609ABG-30R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
R1Q3A3636/R1Q3A3618/R1Q3A3609
Ordering Information
Type No.
Organization
Cycle time
Clock frequency
Package
Notes
R1Q3A3636ABG-30R
3.0 ns
333 MHz
R1Q3A3636ABG-33R
3.3 ns
300 MHz
R1Q3A3636ABG-40R
4.0 ns
250 MHz
R1Q3A3636ABG-50R
5.0 ns
200 MHz
R1Q3A3636ABG-60R
1-M word
× 36-bit
6.0 ns
167 MHz
R1Q3A3618ABG-30R
3.0 ns
333 MHz
R1Q3A3618ABG-33R
3.3 ns
300 MHz
R1Q3A3618ABG-40R
4.0 ns
250 MHz
R1Q3A3618ABG-50R
5.0 ns
200 MHz
R1Q3A3618ABG-60R
2-M word
× 18-bit
6.0 ns
167 MHz
R1Q3A3609ABG-30R
3.0 ns
333 MHz
R1Q3A3609ABG-33R
3.3 ns
300 MHz
R1Q3A3609ABG-40R
4.0 ns
250 MHz
R1Q3A3609ABG-50R
5.0 ns
200 MHz
R1Q3A3609ABG-60R
4-M word
× 9-bit
6.0 ns
167 MHz
Plastic FBGA 165-pin
PLBG0165FB-A
Notes: 1. Type No.
(0:1) R1 : Renesas Memory prefix
(2:3) Q2 : QDRII 2-word Burst SRAM
Q3 : QDRII 4-word Burst SRAM
Q4 : DDRII 2-word Burst SRAM
Q5 : DDRII 4-word Burst SRAM
Q6 : DDRII 2-word Burst SRAM Separate I/O
(4)
A : VDD=1.8V
(5:6) 36 : Density = 36Mb
72 : Density = 72Mb
(7:8) 36 : Organization = x36
18 : Organization = x18
09 : Organization = x9
Pin Arrangement
R1Q3A3636 series
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
VSS
NC
/W
/BW2
/K
/BW1
/R
SA
NC
CQ
B
Q27
Q18
D18
SA
/BW3
K
/BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
/DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
/C
SA
SA
SA
TMS
TDI
(Top View)
REJ03C0295-0003 Rev.0.03 Jul. 31, 2007
Page 2 of 24


Similar Part No. - R1Q3A3609ABG-30R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3609ABG40RB0 RENESAS-R1Q3A3609ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG40RS0 RENESAS-R1Q3A3609ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG40RT0 RENESAS-R1Q3A3609ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG50RB0 RENESAS-R1Q3A3609ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG50RS0 RENESAS-R1Q3A3609ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q3A3609ABG-30R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A3636 RENESAS-R1Q2A3636 Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com