Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9809 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9809 Datasheet HTML 19Page - NXP Semiconductors TDA9809 Datasheet HTML 20Page - NXP Semiconductors TDA9809 Datasheet HTML 21Page - NXP Semiconductors TDA9809 Datasheet HTML 22Page - NXP Semiconductors TDA9809 Datasheet HTML 23Page - NXP Semiconductors TDA9809 Datasheet HTML 24Page - NXP Semiconductors TDA9809 Datasheet HTML 25Page - NXP Semiconductors TDA9809 Datasheet HTML 26Page - NXP Semiconductors TDA9809 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
1998 Jan 08
23
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
handbook, full pagewidth
50
∆f (kHz)
VAFC
(V)
2.5
0
10.7
MHA965
25
3.0
2.25
3.75
1.5
0.75
0
45
125
65
85
105
Vi(11) (dBµV)
V∆FL
(V)
Typical level detector characteristic at radio operation
2-terminal type equivalent circuit of ceramic resonator
C1
L1
R1
(1)
C0
VP = 5 V
VP
200
100
0
−200
−100
f (MHz)
(source current)
(sink current)
VAFC
(V)
I14
(
µA)
2.5
TDA9809M 14
I14
22 k
22 k
VAFC
100
nF
Fig.11 Measurement conditions and typical AFC characteristic for radio operation.
(1) Equivalent compliance C1 = 2.35 pF.
Equivalent mass L1 = 101 µH.
Equivalent resistance R1 =55 Ω.
Parallel equivalent capacity C0 = 18 pF.


Similar Part No. - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Similar Description - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com