Electronic Components Datasheet Search |
|
R5F21276SNFP Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
R5F21276SNFP Datasheet(HTML) 28 Page - Renesas Technology Corp |
28 / 73 page R8C/26 Group, R8C/27 Group 5. Electrical Characteristics Rev.2.10 Sep 26, 2008 Page 28 of 69 REJ03B0168-0210 Figure 5.2 Time delay until Suspend NOTES: 1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85 °C (N version) / -40 to 85°C (D version). 2. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2 register to 0. NOTES: 1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85 °C (N version) / -40 to 85°C (D version). 2. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1. 3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2 register to 0. 4. This parameter shows the voltage detection level when the power supply drops. The voltage detection level when the power supply rises is higher than the voltage detection level when the power supply drops by approximately 0.1 V. NOTES: 1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85 °C (N version) / -40 to 85°C (D version). 2. Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2. 3. Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2 register to 0. Table 5.6 Voltage Detection 0 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet0 Voltage detection level 2.2 2.3 2.4 V − Voltage detection circuit self power consumption VCA25 = 1, VCC = 5.0 V − 0.9 −µA td(E-A) Waiting time until voltage detection circuit operation starts(2) −− 300 µs Vccmin MCU operating voltage minimum value 2.2 −− V Table 5.7 Voltage Detection 1 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet1 Voltage detection level(4) 2.70 2.85 3.00 V − Voltage monitor 1 interrupt request generation time(2) − 40 −µs − Voltage detection circuit self power consumption VCA26 = 1, VCC = 5.0 V − 0.6 −µA td(E-A) Waiting time until voltage detection circuit operation starts(3) −− 100 µs Table 5.8 Voltage Detection 2 Circuit Electrical Characteristics Symbol Parameter Condition Standard Unit Min. Typ. Max. Vdet2 Voltage detection level 3.3 3.6 3.9 V − Voltage monitor 2 interrupt request generation time(2) − 40 −µs − Voltage detection circuit self power consumption VCA27 = 1, VCC = 5.0 V − 0.6 −µA td(E-A) Waiting time until voltage detection circuit operation starts(3) −− 100 µs FMR46 Suspend request (maskable interrupt request) Fixed time td(SR-SUS) Clock-dependent time Access restart |
Similar Part No. - R5F21276SNFP |
|
Similar Description - R5F21276SNFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |