Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9802T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9802T
Description  Multistandard VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9802T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9802T Datasheet HTML 4Page - NXP Semiconductors TDA9802T Datasheet HTML 5Page - NXP Semiconductors TDA9802T Datasheet HTML 6Page - NXP Semiconductors TDA9802T Datasheet HTML 7Page - NXP Semiconductors TDA9802T Datasheet HTML 8Page - NXP Semiconductors TDA9802T Datasheet HTML 9Page - NXP Semiconductors TDA9802T Datasheet HTML 10Page - NXP Semiconductors TDA9802T Datasheet HTML 11Page - NXP Semiconductors TDA9802T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
November 1992
8
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL demodulator and
FM-PLL detector
TDA9802
Composite video amplifier (pin 13)
sound carrier off
V0 vid
output signal (peak-to-peak value)
see Fig.7
0.9
1.0
1.1
V
V13
sync level
B/G and L
1.4
1.5
1.6
V
zero carrier level
B/G
2.5
2.6
2.7
V
L
1.37
1.47
1.57
V
upper video clipping level
VP
1.1
VP
1.0
V
lower video clipping level
0.3
0.4
V
V0FM
IF intercarrier level (RMS value)
sound carrier on;
see note 9
tbn
140
tbn
mV
R13
output resistance
−−
10
Iint13
internal bias current for emitter follower
DC
1.8
2.5
mA
I13
maximum output sink current
DC and AC
1.4
tbn
mA
maximum output source current
2.0
tbn
mA
B
−3 dB video bandwidth
C13 < 50 pF; RL > 1kΩ
710
MHz
α
H
suppression of video signal harmonics
see note 10;
C13 < 50 pF; RL > 1kΩ
35
40
dB
RR
ripple rejection on pin 13
see Fig.9
32
35
dB
CVBS buffer amplifier and noise clipper (pins 7 and 14)
R14
input resistance
2.6
3.3
4.0
k
C14
input capacitance
1.4
2
3.0
pF
V14
DC voltage at input
pin 14 not connected
1.5
1.8
2.1
V
Gv
voltage gain
see note 11
6
7
7.5
dB
Vo CVBS
CVBS output signal on pin 7 (peak-to-peak
value)
sound carrier off;
see Fig.3
1.7
2.0
2.3
V
CVBS output level
upper video clipping
tbn
4.0
V
lower video clipping
1.0
tbn
V
sync level
1.25
1.35
1.45
V
R7
output resistance
−−
10
Iint7
internal bias current for emitter follower
DC
1.8
2.5
mA
I7
maximum output sink current
DC and AC
1.4
tbn
mA
maximum output source current
2.4
tbn
mA
B
−3 dB video bandwidth
C7 < 20 pF; RL > 1kΩ
811
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9802T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Similar Description - TDA9802T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com