Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9615 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9615
Description  Audio processor for VHS hi-fi
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9615 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9615 Datasheet HTML 5Page - NXP Semiconductors TDA9615 Datasheet HTML 6Page - NXP Semiconductors TDA9615 Datasheet HTML 7Page - NXP Semiconductors TDA9615 Datasheet HTML 8Page - NXP Semiconductors TDA9615 Datasheet HTML 9Page - NXP Semiconductors TDA9615 Datasheet HTML 10Page - NXP Semiconductors TDA9615 Datasheet HTML 11Page - NXP Semiconductors TDA9615 Datasheet HTML 12Page - NXP Semiconductors TDA9615 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
1997 Jun 16
9
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
TDA9615H
I2C-BUS PROTOCOL
Addressing and data bytes
For programming the device (write mode) seven data byte registers are available; they are addressable via eight
subaddresses. Automatic subaddress incrementing enables the writing of successive data bytes in one transmission.
During power-on, data byte registers are reset to a default state by use of a Power On Reset (POR) circuit which signal
is derived from the internally generated I2C-bus supply voltage (V5OUT; pin 38). For reading from the device (read mode)
one data byte register is available without subaddressing.
Table 1
TDA9615H addresses and data bytes
Notes
1. Use of subaddress F0H to F7H (1111 0XXX) instead of 00H to 07H (0000 0XXX) disables the automatic subaddress
incrementing allowing continuous writing to a single data byte register.
2. The state of unused read bits are not reliable; their state may change during development.
Table 2
Status of data bytes after POR
Note
1. For eventual future compatibility it is advised to keep unused write bits equal to POR state.
DATA BYTE
ADDRESS
Write mode
Slave address byte (B8H)
10111000
Subaddress bytes (00H to 07H)
0(1)
0(1)
0(1)
0(1)
0
0 or 1
0 or 1
0 or 1
Control byte (subaddress 00)
AFM
DOC
SHH
DETH
NTSC
MUTE
STBP
STBA
Select byte (subaddress 01)
DOS1
DOS0
s5
s4
NIL3
NIL2
NIL1
NIL0
Input byte (subaddress 02)
i7
IS2
IS1
IS0
NS2
NS1
NS0
i0
Output byte (subaddress 03)
LOH
OSN
OSR
OSL
EOS
LOS
DOS
RFCM
Left volume byte
(subaddress 04)
I7
VLS
VL5
VL4
VL3
VL2
VL1
VL0
Right volume byte
(subaddress 05)
r7
VRS
VR5
VR4
VR3
VR2
VR1
VR0
Volume byte (subaddress 06)
simultaneous loading of subaddress 04 and subaddress 05 register
Power byte (subaddress 07)
CALS
VCCH
TEST
PORR
p3
p2
p1
p0
Read mode
Slave address byte (B9H)
10111001
Read byte
CALR
AUTN
0(2)
POR
0(2)
1(2)
0(2)
0(2)
DATA BYTE
ADDRESS
Control byte
10001100
Select byte
0
0
1(1)
1(1)
0000
Input byte
0(1)
0001110(1)
Output byte
00000001
Left volume byte
0(1)
1000000
Right volume byte
0(1)
1000000
Power byte
00000(1)
0(1)
0(1)
0(1)


Similar Part No. - TDA9615

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9610 PHILIPS-TDA9610 Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
More results

Similar Description - TDA9615

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9605H PHILIPS-TDA9605H Datasheet
244Kb / 52P
   Audio processor with head amplifier for VHS hi-fi
1999 Apr 14
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
NXP Semiconductors
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com