Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25CLB120 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM25CLB120
Description  Three Phase IGBT Inverter 25 Amperes/1200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM25CLB120 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM25CLB120 Datasheet HTML 1Page - Powerex Power Semiconductors PM25CLB120 Datasheet HTML 2Page - Powerex Power Semiconductors PM25CLB120 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PM25CLB120
Intellimod™ L-Series
Three Phase IGBT Inverter
25 Amperes/1200 Volts
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
PM25CLB120
Intellimod™ L-Series
Three Phase IGBT Inverter
25 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Short Circuit Trip Level
SC
-20°C ≤ Tj ≤ 125°C, VD = 15V
50
Amperes
Short Circuit Current Delay Time
toff(SC)
VD = 15V
10
µs
Over Temperature Protection
OT
Trip Level
135
145
155
°C
(Detect Tj of IGBT Chip)
OTR
Reset Level
125
°C
Supply Circuit Under-voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20 ≤ Tj ≤ 125°C)
UVR
Reset Level
12.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
15
25
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
5
10
mA
Input ON Threshold Voltage
Vth(on)
Applied between UP-VUPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
VP-VVPC, WP-VWPC, UN- VN- WN-VNC 1.7
2.0
2.3
Volts
Fault Output Current*
IFO(H)
VD = 15V, VCIN = 15V
0.01
mA
IFO(L)
VD = 15V, VCIN = 15V
10
15
mA
Fault Output Pulse Width*
tFO
VD = 15V
1.0
1.8
ms
*Fault output is given only when the internal SC, OT and UV protections schemes of either upper or lower devide operate to protect it.
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
IGBT (Per 1/6 Module)
0.84** °C/Watt
Rth(j-c)D
FWDi (Per 1/6 Module)
1.36**
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.038
°C/Watt
Thermal Grease Applied
** If you use this value, Rth(f-a) should be measured just under the chips.
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
≤800
Volts
Control Supply Voltage***
VD
Applied between VUP1-VUPC,
15.0 ± 1.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Input ON Voltage
VCIN(on)
Applied between UP-VUPC,
≤0.8
Volts
Input OFF Voltage
VCIN(off)
VP-VVPC, WP-VWPC, UN- VN- WN-VNC
≥4.0
Volts
PWM Input Frequency
fPWM
≤20
kHz
Arm Shoot-through Blocking Time
tDEAD
Input Signal
≥2.5
µs
*** With ripple satisfying the following conditions: dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak.
TC Measurement Point
Y
X
BOTTOM VIEW
Arm
UP
VP
WP
UN
VN
WN
Axis
IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi
X
29.0
29.3
64.0
65.5
85.6
85.9
37.8
37.5
55.2
55.7
75.8
75.3
Y
-7.1
1.5
-7.1
2.0
-7.1
2.0
5.1
-4.5
5.1
-4.5
5.1
-4.5


Similar Part No. - PM25CLB120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25CLB120 MITSUBISHI-PM25CLB120 Datasheet
99Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM25CLB120 MITSUBISHI-PM25CLB120 Datasheet
119Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM25CLB120 MITSUBISHI-PM25CLB120_05 Datasheet
119Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM25CLB120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
PM25CL1B120 POWEREX-PM25CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM150RL1A120 POWEREX-PM150RL1A120 Datasheet
718Kb / 7P
   Three Phase IGBT Inverter Brake 150 Amperes/1200 Volts
PM100RL1A120 POWEREX-PM100RL1A120 Datasheet
715Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/1200 Volts
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com