Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25CLB120 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM25CLB120
Description  Three Phase IGBT Inverter 25 Amperes/1200 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM25CLB120 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM25CLB120 Datasheet HTML 1Page - Powerex Power Semiconductors PM25CLB120 Datasheet HTML 2Page - Powerex Power Semiconductors PM25CLB120 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM25CLB120
Intellimod™ L-Series
Three Phase IGBT Inverter
25 Amperes/1200 Volts
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
3
PM25CLB120
Intellimod™ L-Series
Three Phase IGBT Inverter
25 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM25CLB120
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Module Case Operating Temperature (See TC Measurement point Illustration)
TC
-20 to 100
°C
Mounting Torque, M5 Mounting Screws
31
in-lb
Module Weight (Typical)
340
Grams
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
1000
Volts
Self-protection Supply Voltage Limit (Short Circuit protection Capability)*
VCC(prot.)
800
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VISO
2500
Volts
*VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
1200
Volts
Collector Current (TC = 25°C)
±IC
25
Amperes
Peak Collector Current (TC = 25°C)
±ICP
50
Amperes
Collector Dissipation (TC = 25°C)
PC
148
Watts
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)
VD
20
Volts
Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN- VN- WN-VNC)
VCIN
20
Volts
Fault Output Supply Voltage
VFO
20
Volts
(Applied between UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC)
Fault Output Current (UFO, VFO, WFO, FO Terminals)
IFO
20
mA
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V, Tj = 25°C
1.0
mA
VCE = VCES, VD = 15V, Tj = 125°C
10
mA
Diode Forward Voltage
VEC
-IC = 25A, VCIN = 15V, VD = 15V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 25A,
1.9
Volts
Tj = 25°C
VD = 15V, VCIN = 0V, IC = 25A,
1.9
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µs
trr
VD = 15V, VCIN = 0 ⇔ 15V
0.15
0.3
µs
tC(on)
VCC = 600V, IC = 25A
0.4
1.0
µs
toff
Tj = 125°C
2.0
3.0
µs
tC(off)
0.7
1.2
µs


Similar Part No. - PM25CLB120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25CLB120 MITSUBISHI-PM25CLB120 Datasheet
99Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM25CLB120 MITSUBISHI-PM25CLB120 Datasheet
119Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM25CLB120 MITSUBISHI-PM25CLB120_05 Datasheet
119Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM25CLB120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25RL1A120 POWEREX-PM25RL1A120 Datasheet
823Kb / 7P
   Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
PM25CL1B120 POWEREX-PM25CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM150RL1A120 POWEREX-PM150RL1A120 Datasheet
718Kb / 7P
   Three Phase IGBT Inverter Brake 150 Amperes/1200 Volts
PM100RL1A120 POWEREX-PM100RL1A120 Datasheet
715Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/1200 Volts
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com