Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM25CLB120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. PM25CLB120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM25CLB120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM25CLB120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM25CLB120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM25CLB120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM25CLB120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM25CLB120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM25CLB120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM25CLB120
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2003
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
TC = 25
°C
TC = 25
°C
(Note-2)
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
1200
25
50
116
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
VFO
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
Applied between : VUP1-VUPC
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC
WP-VWPC, UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC
FO-VNC
Sink current at UFO, VFO, WFO, FO terminals
20
20
VD
VCIN
V
V
VN
UN
WP
VWP1
WFO
VWPC
VP
VVP1
VFO
VVPC
UP
VUP1
UFO
VUPC
NC
NC
N
W
V
U
P
Fo
VNC
VN1
WN
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT
Gnd In
Fo Vcc
Gnd
Si Out
OT


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM50RLB120 FLAT-BASE TYPE INTELLIGENT POWER MODULES 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM50CLB060 FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM75CLB060 FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM75CSE120 FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
FM600TU-3A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM600TU-2A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM600TU-07A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM400TU-3A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM400TU-2A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn