Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-BC3EUN Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1313-BC3EUN
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-BC3EUN Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1313-BC3EUN Datasheet HTML 7Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 8Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 9Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 10Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 11Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 12Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 13Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 14Page - Microchip Technology TC1313-BC3EUN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 11
TC1313
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-25:
VOUT2 Dropout Voltage vs.
Ambient Temperature (VOUT2 = 2.5V).
FIGURE 2-26:
VOUT2 Dropout Voltage vs.
Ambient Temperature (VOUT2 = 3.3V).
FIGURE 2-27:
VOUT2 Line Regulation vs.
Ambient Temperature.
FIGURE 2-28:
VOUT2 Load Regulation vs.
Ambient Temperature.
FIGURE 2-29:
VOUT2 Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-30:
VOUT2 Noise vs. Frequency.
0.05
0.10
0.15
0.20
0.25
0.30
Ambient Temperature (°C)
IOUT2 = 200 mA
IOUT2 = 300 mA
SHDN1 = AGND
SHDN2 = VIN2
0.0
0.1
0.2
0.3
-40 -25 -10
5
20 35 50 65
80 95 110 125
Ambient Temperature (°C)
IOUT2 = 200 mA
SHDN1 = AGND
SHDN2 = VIN2
IOUT2 = 300 mA
-0.035
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VOUT2 = 3.3V
IOUT2 = 100 µA
SHDN1 = AGND
SHDN2 = VIN2
VOUT2 = 2.5V
VOUT2 = 1.5V
-0.4
-0.3
-0.2
-0.1
0.0
0.1
Ambient Temperature (°C)
VOUT2 = 3.3V
VIN2 = 3.6V
SHDN1 = AGND
SHDN2 = VIN2
VOUT2 = 2.6V
VOUT2 = 1.5V
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
SHDN1 = GND
VOUT2 = 1.5V
IOUT2 = 30 mA
CIN = 0 µF
COUT2 = 1.0 µF
COUT2 = 4.7 µF
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
SHDN1 = AGND
SHDN2 = VIN2
VIN = 3.6V
VOUT2 = 2.5V
IOUT2 = 50 mA


Similar Part No. - TC1313-BC3EUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313-1G0EMF MICROCHIP-TC1313-1G0EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EMFTR MICROCHIP-TC1313-1G0EMFTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUN MICROCHIP-TC1313-1G0EUN Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUNTR MICROCHIP-TC1313-1G0EUNTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G1EMF MICROCHIP-TC1313-1G1EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
More results

Similar Description - TC1313-BC3EUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com