Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9321H Datasheet(PDF) 42 Page - NXP Semiconductors

Part # TDA9321H
Description  I2C-bus controlled TV input processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321H Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button TDA9321H Datasheet HTML 36Page - NXP Semiconductors TDA9321H Datasheet HTML 37Page - NXP Semiconductors TDA9321H Datasheet HTML 38Page - NXP Semiconductors TDA9321H Datasheet HTML 39Page - NXP Semiconductors TDA9321H Datasheet HTML 40Page - NXP Semiconductors TDA9321H Datasheet HTML 41Page - NXP Semiconductors TDA9321H Datasheet HTML 42Page - NXP Semiconductors TDA9321H Datasheet HTML 43Page - NXP Semiconductors TDA9321H Datasheet HTML 44Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
1998 Dec 16
42
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
3. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1)
HLQFP, HSQFP, HSOP, SMS
not suitable(2)
suitable
PLCC(3), SO
suitable
suitable
LQFP, QFP, TQFP
not recommended(3)(4)
suitable
SQFP
not suitable
suitable
SSOP, TSSOP, VSO
not recommended(5)
suitable


Similar Part No. - TDA9321H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9302 STMICROELECTRONICS-TDA9302 Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
TDA9302H STMICROELECTRONICS-TDA9302H Datasheet
79Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
   I2C-bus controlled TV display processors
2002 Jun 04
TDA9331H NXP-TDA9331H Datasheet
219Kb / 56P
   I2C-bus controlled TV display processors
2002 Jun 04
More results

Similar Description - TDA9321H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
NXP Semiconductors
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
   I2C-bus controlled TV display processors
2002 Jun 04
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
   BUS CONTROLLED PAL/NTSC TV PROCESSOR
STV2216 STMICROELECTRONICS-STV2216 Datasheet
259Kb / 26P
   BUS CONTROLLED NTSC/PAL TV PROCESSOR
logo
NXP Semiconductors
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com