Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1963 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1963
Description  Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1963 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1963_07 Datasheet HTML 1Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 2Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 3Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 4Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 5Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 6Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 7Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 8Page - Maxim Integrated Products MAX1963_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Input-Voltage, 300mA LDO Regulators
with
RESET in SOT and TDFN
4
_______________________________________________________________________________________
GROUND-PIN CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
110
0.1
70
80
90
100
110
120
60
0.01
1000
VOUT = +3.0V
VOUT = +0.75V
VOUT = +1.5V
GROUND-PIN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.2
2.8
2.4
2.0
1.6
20
40
60
80
100
120
0
1.2
3.6
IOUT = 100mA
IOUT = 300mA
IOUT = 0mA
VOUT = 1.5V
GROUND-PIN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
60
70
80
90
100
110
120
50
-40
80
IOUT = 100mA
IOUT = 300mA
IOUT = 0mA
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
40
20
60
80
100
120
0
0
300
VOUT = +1.8V
VOUT = +3.0V
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
10
20
30
40
50
60
70
80
0
0.1
1000
VOUT = +0.75V
VOUT = +1.5V
VOUT = +3.0V
IOUT = 10mA
LINE-TRANSIENT RESPONSE
MAX1963/76 toc09
40
μs/div
VIN
500mV/div
1.5V
10mV/div
AC-COUPLED
VOUT
3.5V
Typical Operating Characteristics (continued)
(VIN = (VOUT + 0.5V) or 1.8V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)
LINE-TRANSIENT RESPONSE
NEAR DROPOUT
MAX1963/76 toc10
40
μs/div
VIN
500mV/div
1.5V
10mV/div
AC-COUPLED
VOUT
1.8V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn