Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

413101 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 413101
Description  Visible Light Detector with Analog and Digital Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

413101 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
413101
Visible Light Detector with Analog
and Digital Outputs
Preliminary Datasheet
Revision A
This document is the property of Semefab (Scotland) Ltd. And is furnished in
confidence and upon the condition that it is neither copied or released to a third
party without prior consent.
Page 6 of
12
Vss versus Lux level
Vdd= 5V, Rss= 1K Ohms
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
200
400
600
800
1000
Lux
Vss vs Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
1020
30405060
708090
Temperature (C)
5 Volts & 5 Lux, Rss = 10k
5 Volts & 50 Lux, Rss = 10k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
MC74HC4316AQuad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
ZL50073_0632 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps and 128 Inputs and 128 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5007532 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 2 Streams 8 16 32 or 64 Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
LM952132-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs Coming SoonNational Semiconductor (TI)
SN74BCT2245OCTAL TRANSCEIVER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74VCX16240_05Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LCX574_05Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn