Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GJSBL1030CT Datasheet(PDF) 2 Page - GTM CORPORATION

Part No. GJSBL1030CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GTM [GTM CORPORATION]
Homepage  http://www.gtm.com.tw
Logo 

GJSBL1030CT Datasheet(HTML) 2 Page - GTM CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GJSBL1030CT~1060CT
Page: 2/2
ISSUED DATE :2006/05/11
REVISED DATE :
Characteristics Curve
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SR15A20F-GSchottky Barrier Rectifiers 1 2 Comchip Technology
1N5820_13.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
SRF1070CESwitchmode Full Plastic Dual Schottky Barrier Power Rectifiers 1 2 Mospec Semiconductor
SR16C20C-GSchottky Barrier Rectifiers 1 2 Comchip Technology
SD830_18.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
CDBB320-GSMD Schottky Barrier Rectifiers 1 2 Comchip Technology
MBR4030PTWide Temperature Range and High Tjm Schottky Barrier Rectifiers 1 2 List of Unclassifed Manufacturers
SR16C20CF-GSchottky Barrier Rectifiers 1 2 Comchip Technology
CDBC320-GSMD Schottky Barrier Rectifiers 1 2 Comchip Technology
SR20C20C-GSchottky Barrier Rectifiers 1 2 Comchip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn