Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9144 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9144
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9144 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9144 Datasheet HTML 26Page - NXP Semiconductors TDA9144 Datasheet HTML 27Page - NXP Semiconductors TDA9144 Datasheet HTML 28Page - NXP Semiconductors TDA9144 Datasheet HTML 29Page - NXP Semiconductors TDA9144 Datasheet HTML 30Page - NXP Semiconductors TDA9144 Datasheet HTML 31Page - NXP Semiconductors TDA9144 Datasheet HTML 32Page - NXP Semiconductors TDA9144 Datasheet HTML 33Page - NXP Semiconductors TDA9144 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1996 Jan 17
30
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free PAL/NTSC/SECAM
decoder/sync processor with PALplus helper demodulator
TDA9144
Notes to the characteristics
1. All frequency variations are referred to 3.58 MHz or 4.43 MHz carrier frequency. All oscillator specifications are
measured with the Philips crystal series 9920 520 0047x and 9920 520 0048x. The oscillator circuit is insensitive to
the spurious responses of the crystal. The typical crystal parameters for the crystals mentioned above are:
a) Load resonance frequency f0 = 4.433619 MHz or 3.579545 MHz (CL = 20 pF).
b) Motional capacitance CM = 20.6 fF (4.43 MHz crystal) or 14.7 fF (3.58 MHz crystal).
c) Parallel capacitance C0 = 5 pF for both crystals.
d) The minimum detuning range can only be specified if both the IC and the crystal tolerances are known and the
general specifications given for the subcarrier regeneration are therefore valid for the specified crystal series. In
the figure tolerances of the crystal with respect to nominal frequency, motional capacitance and ageing have been
taken into account and have been counted for by Gaussian addition.
Whenever different typical crystal parameters are used, the following equation might be helpful for calculating the
impact on the detuning capabilities:
e) Detuning range proportional to:
f) The resulting detuning range should be corrected for temperature shift and supply deviation of both the IC and
the crystal. For the above mentioned crystals, the actual load capacitance in the application should be CL =18pF
to account for parasitic capacitance on and off chip. For 3-norm applications with two crystals connected to one
pin, the maximum load capacitance of the crystal pin should not exceed 12 pF.
2. YD3 and YD2 are equal significant bits, both representing a 160 ns delay step. YD1 represents 80 ns and YD0
represents a 40 ns delay step.
3. The Hue control is active for NTSC on the
−(R−Y) and −(B−Y) signals and for PALplus only on the demodulated
helper signal.
4. This delay is partially caused by the low-pass filter at the sync separator input.
5. The delay between the positive edge of VA and the first negative edge of HA (or positive edge of CLP) after VA is
34.5
µs for field 1 and 2.5 µs for field 2 (17 LLC pulses with or without
respectively). Especially for PALplus
signals the regenerated VA pulses must have a fixed and known phase relation to the undisturbed V pulses of the
incoming video signal. This relation must remain correct as long as the vertical divider is in norm mode (indirect sync
mode), so the coincidence window used here must be a half line compared to the one line coincidence window used
outside PALplus. With a well defined phase relation of the regenerated VA pulses to the regenerated HA pulses a
correct field identification (odd/even) and all the required timing signals referring to a certain line in each frame can
be generated externally in the PALplus decoder environment.
6. The output signals of the demodulator are called
−(R−Y) and −(B−Y) in this specification. The colour difference input
and output signals of the YUV switch are called UV signals. However, these signals do not have the amplitude
correction factor of real UV signals. They are called UV signals and not
−(R−Y) and −(B−Y) to prevent confusion
between the colour difference signals of the demodulator and the colour difference signals of the YUV switch.
7. The maximum external clamping pulse width is the minimum available blanking level time of the supplied RGB
signals.
C
M
1
C
O
C
L
--------
+


 2
---------------------------
1
2f
H
×
--------------


Similar Part No. - TDA9144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results

Similar Description - TDA9144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
   BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
logo
NXP Semiconductors
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com