Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD12115T1F-E1-AT Datasheet(PDF) 5 Page - NEC

Part # UPD12115T1F-E1-AT
Description  MOS INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD12115T1F-E1-AT Datasheet(HTML) 5 Page - NEC

  UPD12115T1F-E1-AT Datasheet HTML 1Page - NEC UPD12115T1F-E1-AT Datasheet HTML 2Page - NEC UPD12115T1F-E1-AT Datasheet HTML 3Page - NEC UPD12115T1F-E1-AT Datasheet HTML 4Page - NEC UPD12115T1F-E1-AT Datasheet HTML 5Page - NEC UPD12115T1F-E1-AT Datasheet HTML 6Page - NEC UPD12115T1F-E1-AT Datasheet HTML 7Page - NEC UPD12115T1F-E1-AT Datasheet HTML 8Page - NEC UPD12115T1F-E1-AT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet G18851EJ1V0DS
5
μ PD12115
TYPICAL CHARACTERISTICS
PD vs. TA
Δ VO vs.TJ
50
85 100
150
5
10
15
20
0
1.0
0
With
infinite
heatsink
Without heatsink
TA - Operating Ambient Temperature -
°C
VIN = VON/OFF = 2.5 V
IO = 5 mA
10.0
5.0
0
-5.0
-10.0
-40
-15
10
35
60
85
110 125
TJ - Operating Junction Temperature -
°C
VO vs. VIN, IBIAS vs. VIN
IOpeak vs. VDIF
2.0
1.5
0.5
0
0
1.0
2.0
3.0
4.0
5.0
6.0
1.0
4000
3000
2000
1000
0
TJ = 25
°C
IBIAS
VO
IO = 0.9 A
0.9 A
0.5 A
0 A
0.5 A
0 A
VIN - Input Voltage - V
0
0.5
1.0
1.5
2.0
2.5
0
1.0
2.0
3.0
4.0
5.0
TJ = 25
°C
VDIF - Dropout Voltage - V
VDIF vs. IO
R • R vs. f
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
IO - Output Current - A
0
10
20
30
40
50
60
70
TJ = 25
°C
VIN = 2.5 to 3.5 V
VON/OFF = 1.5 V
CIN = 0.1
μ F
COUT = 10
μ F
IO = 0.5 A
5 mA
f - Frequency - Hz
10
100
1 k
10 k
100 k


Similar Part No. - UPD12115T1F-E1-AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD12115T1F RENESAS-UPD12115T1F Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD12115T1F-E1-AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com