Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD12115 Datasheet(PDF) 3 Page - NEC

Part # UPD12115
Description  MOS INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD12115 Datasheet(HTML) 3 Page - NEC

  UPD12115 Datasheet HTML 1Page - NEC UPD12115 Datasheet HTML 2Page - NEC UPD12115 Datasheet HTML 3Page - NEC UPD12115 Datasheet HTML 4Page - NEC UPD12115 Datasheet HTML 5Page - NEC UPD12115 Datasheet HTML 6Page - NEC UPD12115 Datasheet HTML 7Page - NEC UPD12115 Datasheet HTML 8Page - NEC UPD12115 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet G18851EJ1V0DS
3
μ PD12115
CIN : 0.1
μ F or higher. Be sure to connect CIN to prevent parasitic oscillation. Set this value according to the length
of the line between the regulator and the INPUT pin. Use of a film capacitor or other capacitor with first-rate
voltage and temperature characteristics is recommended. If using a laminated ceramic capacitor, it is necessary
to ensure that CIN is 0.1
μ F or higher for the voltage and temperature range to be used.
COUT: 10
μ F or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place
CIN and COUT as close as possible to the IC pins (within 1 to 2 cm). Also, in case of using a laminated ceramic
capacitor, please note following items.
• It is necessary to ensure that COUT is 10
μ F or higher for the voltage and temperature range to be used.
• In case of using laminated ceramic capacitor, it is easy to become state of parasitic oscillation. Because ESR
of laminated ceramic capacitor is very low. Therefore, the capacitor and load condition (output current) which
fulfill the condition of the stable operation area of ESR shown below are recommended.
• Stable Operation Area as below is regulated under condition of which this product is not on a substrate.
Therefore impedance on substrate is not considered.
D1 : If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2 : If the OUTPUT pin has a lower voltage than the GND pin, connect a Schottky barrier diode.
Caution Make sure that no external voltage is applied to the OUTPUT pin.
μ PD12115 COUT ESR Stable Operation Area
10
1
0.1
0.01
0
200
400
600
800
1000
IO (mA)
Unstable Operation Area
Unstable Operation Area
Stable Operation Area
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
2.5
5.5
V
ON/OFF Pin Voltage
VON/OFF
0
VIN
V
Output Current
IO
0
1.0
A
Operating Ambient Temperature
TA
− 40
+ 85
°C
Operating Junction Temperature
TJ
− 40
+ 125
°C
Caution1. Turn on VIN and VON/OFF at the same time, or turn on VIN first and then VON/OFF.
Turn off VIN and VON/OFF at the same time, or turn off VON/OFF first and then VIN.
2. If absolute maximum rating is not exceeded, you can used this product above the recommended
operating range. However, since a margin with absolute maximum rating decreases, please use
this product after sufficient evaluation.


Similar Part No. - UPD12115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD12115 RENESAS-UPD12115 Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
UPD12115T1F RENESAS-UPD12115T1F Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD12115

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com