Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD121W00AT1F Datasheet(PDF) 3 Page - NEC

Part # UPD121W00AT1F
Description  MOS INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD121W00AT1F Datasheet(HTML) 3 Page - NEC

  UPD121W00AT1F Datasheet HTML 1Page - NEC UPD121W00AT1F Datasheet HTML 2Page - NEC UPD121W00AT1F Datasheet HTML 3Page - NEC UPD121W00AT1F Datasheet HTML 4Page - NEC UPD121W00AT1F Datasheet HTML 5Page - NEC UPD121W00AT1F Datasheet HTML 6Page - NEC UPD121W00AT1F Datasheet HTML 7Page - NEC UPD121W00AT1F Datasheet HTML 8Page - NEC UPD121W00AT1F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet G18852EJ1V0DS
3
μ PD121WxxA Series
ORDERING INFORMATION
Part Number
Package
Output Voltage
Type
Marking
μ PD121W18AT1F
5-PIN TO-252 (5-PIN MP-3ZK)
1.8 V
Fixed
121W18
μ PD121W25AT1F
5-PIN TO-252 (5-PIN MP-3ZK)
2.5 V
Fixed
121W25
μ PD121W33AT1F
5-PIN TO-252 (5-PIN MP-3ZK)
3.3 V
Fixed
121W33
μ PD121W00AT1F
5-PIN TO-252 (5-PIN MP-3ZK)
1.8 to 3.3 V
Adjustable
121W00
Remark Since it is the tape-packaged product, “-E1” or “-E2” is added to the end of its product name.
Part Number
Package
Package Type
μ PD121W18AT1F-E1-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2,500 pcs/reel
μ PD121W18AT1F-E2-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2,500 pcs/reel
μ PD121W25AT1F-E1-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2,500 pcs/reel
μ PD121W25AT1F-E2-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2,500 pcs/reel
μ PD121W33AT1F-E1-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2,500 pcs/reel
μ PD121W33AT1F-E2-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2,500 pcs/reel
μ PD121W00AT1F-E1-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2,500 pcs/reel
μ PD121W00AT1F-E2-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2,500 pcs/reel
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)


Similar Part No. - UPD121W00AT1F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD121W00AT1F RENESAS-UPD121W00AT1F Datasheet
429Kb / 18P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD121W00AT1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com