Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8961 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA8961
Description  ATSC Digital Terrestrial TV demodulator/decoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8961 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA8961 Datasheet HTML 28Page - NXP Semiconductors TDA8961 Datasheet HTML 29Page - NXP Semiconductors TDA8961 Datasheet HTML 30Page - NXP Semiconductors TDA8961 Datasheet HTML 31Page - NXP Semiconductors TDA8961 Datasheet HTML 32Page - NXP Semiconductors TDA8961 Datasheet HTML 33Page - NXP Semiconductors TDA8961 Datasheet HTML 34Page - NXP Semiconductors TDA8961 Datasheet HTML 35Page - NXP Semiconductors TDA8961 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
2000 May 19
33
Philips Semiconductors
Objective specification
ATSC Digital Terrestrial TV
demodulator/decoder
TDA8961
Suitability of surface mount IC packages for wave and reflow soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
3. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1)
BGA, LFBGA, SQFP, TFBGA
not suitable
suitable
HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS
not suitable(2)
suitable
PLCC(3), SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended(3)(4)
suitable
SSOP, TSSOP, VSO
not recommended(5)
suitable


Similar Part No. - TDA8961

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8961 PHILIPS-TDA8961 Datasheet
439Kb / 4P
   ATSC/NTSC digital TV front-end chipset
2000 May 19
More results

Similar Description - TDA8961

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA8960 PHILIPS-TDA8960 Datasheet
126Kb / 32P
   ATSC 8-VSB demodulator and decoder
1999 Jun 14
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
logo
NXP Semiconductors
SAA7280P PHILIPS-SAA7280P Datasheet
1Mb / 18P
   Terrestrial Digital Sound Decoder
July 1991
SAA7283 PHILIPS-SAA7283 Datasheet
178Kb / 36P
   Terrestrial Digital Sound Decoder TDSD3
1996 Oct 24
SAA7282 PHILIPS-SAA7282 Datasheet
110Kb / 25P
   Terrestrial Digital Sound Decoder TDSD2
July 1993
TDA8961 PHILIPS-TDA8961 Datasheet
439Kb / 4P
   ATSC/NTSC digital TV front-end chipset
2000 May 19
logo
Fujitsu Component Limit...
FAR-K4SH-36M000-L0E1 FUJITSU-FAR-K4SH-36M000-L0E1 Datasheet
124Kb / 9P
   IF Filter for Digital Terrestrial TV
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com