Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5142AAEEY Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5142AAEEY
Description  White LED Boost Converter In Tiny Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5142AAEEY Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5142AAEEY Datasheet HTML 4Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 5Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 6Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 7Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 8Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 9Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 10Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 11Page - Analog Microelectronics AME5142AAEEY Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AME, Inc.
10
White LED Boost Converter
In Tiny Package
AME5142
Rev. A.01
n Application Hints
Dimming Control
Figure6. Dimming Control Using a DC Voltage
B. Using a DC Voltage
Using a variable DC voltage to adjust the brightness
is a popular method in some applications. The dim-
ming control using a DC voltage circuit is shown in
Figure 6. According to the Superposition Theorem,
as the DC voltage increases, the voltage contributed
to V
FB increases and the voltage drop on R2 decreases,
i.e. the LED current decreases. For example, if the
V
DC range is from 0V to 3V, the selection of resistors
in Figure 6 sets dimming control of LED current from
20mA to 0mA.
C. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjust-
able DC voltage. It can be used to replace the variable DC
voltage source in dimming control. The circuit is shown in
Figure 7.
Figure 7. Dimming Control Using a Filtered PWM Signal
PWM Signal
L1
10
µH
AME5142
GND
IN
EN
SW
FB
V
IN 2.7V to 5.5V
OVP
V
OUT
C
OUT
1
µF
R2
7.5
C
IN
4.7
µF
R3
5.1K
R4
91K
C
DC
0.1
µF
3V
0V
R
DC
10K
L1
10
µH
AME5142
GND
IN
EN
SW
FB
V
IN 2.7V to 5.5V
OVP
V
OUT
C
OUT
1
µF
R2
7.5
C
IN
4.7
µF
R3
5.1K
R4
91K
VDC Dimming
0V to 3V


Similar Part No. - AME5142AAEEY

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Similar Description - AME5142AAEEY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
   10 White LED Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com