Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8941P Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8941P
Description  1.5 W mono Bridge Tied Load BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8941P Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8941P Datasheet HTML 13Page - NXP Semiconductors TDA8941P Datasheet HTML 14Page - NXP Semiconductors TDA8941P Datasheet HTML 15Page - NXP Semiconductors TDA8941P Datasheet HTML 16Page - NXP Semiconductors TDA8941P Datasheet HTML 17Page - NXP Semiconductors TDA8941P Datasheet HTML 18Page - NXP Semiconductors TDA8941P Datasheet HTML 19Page - NXP Semiconductors TDA8941P Datasheet HTML 20Page - NXP Semiconductors TDA8941P Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Philips Semiconductors
TDA8941P
1.5 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
17 of 21
9397 750 06864
© Philips Electronics N.V. 2000. All rights reserved.
17. Soldering
17.1 Introduction to soldering through-hole mount packages
This text gives a brief insight to wave, dip and manual soldering. A more in-depth
account of soldering ICs can be found in our
Data Handbook IC26; Integrated Circuit
Packages (document order number 9398 652 90011).
Wave soldering is the preferred method for mounting of through-hole mount IC
packages on a printed-circuit board.
17.2 Soldering by dipping or by solder wave
The maximum permissible temperature of the solder is 260
°C; solder at this
temperature must not be in contact with the joints for more than 5 seconds. The total
contact time of successive solder waves must not exceed 5 seconds.
The device may be mounted up to the seating plane, but the temperature of the
plastic body must not exceed the specified maximum storage temperature (Tstg(max)).
If the printed-circuit board has been pre-heated, forced cooling may be necessary
immediately after soldering to keep the temperature within the permissible limit.
17.3 Manual soldering
Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the
seating plane or not more than 2 mm above it. If the temperature of the soldering iron
bit is less than 300
°C it may remain in contact for up to 10 seconds. If the bit
temperature is between 300 and 400
°C, contact may be up to 5 seconds.
17.4 Package related soldering information
[1]
For SDIP packages, the longitudinal axis must be parallel to the transport direction of the
printed-circuit board.
Table 10: Suitability of through-hole mount IC packages for dipping and wave soldering
methods
Package
Soldering method
Dipping
Wave
DBS, DIP, HDIP, SDIP, SIL
suitable
suitable [1]


Similar Part No. - TDA8941P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8942 PHILIPS-TDA8942 Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943 PHILIPS-TDA8943 Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8944 PHILIPS-TDA8944 Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
More results

Similar Description - TDA8941P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com