Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8941P Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. TDA8941P
Description  1.5 W mono Bridge Tied Load BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8941P Datasheet(HTML) 15 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Philips Semiconductors
TDA8941P
1.5 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
15 of 21
9397 750 06864
© Philips Electronics N.V. 2000. All rights reserved.
14.2 Thermal behaviour and Tamb(max) calculation
The measured maximum thermal resistance of the IC package, Rth(j-a) is 100 K/W.
A calculation for the maximum ambient temperature can be made, with the following
parameters:
VCC = 9 V and RL =16 Ω
Tj(max) = 150 °C.
Rth(tot) is the total thermal resistance between the junction and the ambient.
At VCC = 9 V and RL =16 Ω the measured worst-case sine-wave dissipation is
1.15 W; see Figure 11. For Tj(max) = 150 °C the maximum ambient temperature is:
Tamb(max) = 150 – 1.15 × 100=35 °C
The calculation above is for an application at worst-case (stereo) sine-wave output
signals. In practice music signals will be applied, which decreases the maximum
power dissipation to approximately half of the sine-wave power dissipation (see
Section 8.2.2). For Tj(max) = 150 °C the maximum ambient temperature is:
Tamb(max) = 150 – 0.6 × 100=90 °C
To increase the lifetime of the IC, Tj(max) should be reduced to 125 °C. This results in:
Tamb(max) = 125 – 0.6 × 100=65 °C
15. Test information
15.1 Quality information
The
General Quality Specification for Integrated Circuits, SNW-FQ-611D is
applicable.
15.2 Test conditions
Tamb =25 °C; VCC = 9 V; f = 1 kHz; RL =16 Ω; audio pass band 22 Hz to 22 kHz;
unless otherwise specified.
Remark: In the graphs as function of frequency no bandpass filter was applied;
see Figure 7 and 12.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn