Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR7032 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR7032
Description  High Gain Power Amplifier for 802.11bg WLAN Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7032 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR7032 Datasheet HTML 1Page - ATMEL Corporation ATR7032 Datasheet HTML 2Page - ATMEL Corporation ATR7032 Datasheet HTML 3Page - ATMEL Corporation ATR7032 Datasheet HTML 4Page - ATMEL Corporation ATR7032 Datasheet HTML 5Page - ATMEL Corporation ATR7032 Datasheet HTML 6Page - ATMEL Corporation ATR7032 Datasheet HTML 7Page - ATMEL Corporation ATR7032 Datasheet HTML 8Page - ATMEL Corporation ATR7032 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
4846B–WLAN–04/05
ATR7032 [Preliminary]
6.
Electrical Characteristics – Unmodulated Carrier
Test Conditions measured on Atmel’s evaluation board (unless otherwise stated): V
CC = 3.3V, Frequency = 2.45 GHz, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
2.0
Saturated output
power
For reference
PSAT
28.5
dBm
A
2.1
P1dB output power
P1dB
27
dBm
A
2.2
Harmonic rejection
P
OUT = 23 dBm
2fout
3fout
–45
–30
dBc
dBc
C
C
2.3
Small signal gain
I
CQ, small signal
condition
GL
32
dB
A
2.4
Gain variation
I
CQ, small signal
condition
2.4 to 2.5 GHz
–40 to +85°C
G
varfreq
G
vartemp
–1
–1.5
+1
+1.5
dB
dB
A
C
2.5
Reverse isolation
I
CQ, small signal
condition
ISOr
40
dB
C
2.6
Input 50
Ω VSWR
ICQ, small signal
condition
VSWR
IN
2:1
C
2.7
Output 50
Ω VSWR
I
CQ, small signal
condition, with
external matching
VSWR
OUT
2:1
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
7.
Electrical Characteristics – 11 Mbps CCK Modulation
Test Conditions measured on Atmel’s evaluation board (unless otherwise stated): VCC = 3.3V, Frequency = 2.45 GHz, Tamb = 25°C,
11 Mbps CCK modulation with Gaussian transmit filtering of BT = 0.4, conforming to IEEE 802.11b
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
3.0
Maximum linear
output power
ACPR1
≥ 33 dBc,
ACPR2
≥ 55 dBc
PLIN
23
dBm
A
3.1
Linear power gain
P
OUT = PLIN,
ACPR1
≥ 33 dBc,
ACPR2
≥ 55 dBc
GL
32
dB
A
3.2
Current consumption
POUT = PLIN,
ACPR1
≥ 33 dBc,
ACPR2
≥ 55 dBc
I
CC
220
mA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
8.
Electrical Characteristics – 54 Mbps OFDM Modulation
Test Conditions measured on Atmel’s evaluation board (unless otherwise stated): V
CC = 3.3V, Frequency = 2.45 GHz, Tamb = 25°C,
54 Mbps OFDM modulation, conforming to IEEE 802.11g; 0.7% EVM measurement equipment noise floor is included in the EVM
measurement result.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
4.0
Error vector
magnitude
POUT = 19 dBm
EVM
2.0
%
A
4.1
Linear power gain
P
OUT = 19 dBm
GL
32
dB
A
4.2
Current consumption
P
OUT = 19 dBm
I
CC
150
mA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - ATR7032

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PEQ ATMEL-ATR7035-PEQ Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PEQG ATMEL-ATR7035-PEQG Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
ATR7035-PES ATMEL-ATR7035-PES Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PESG ATMEL-ATR7035-PESG Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
More results

Similar Description - ATR7032

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
   Dual-Band Power Amplifier for WLAN Systems
2003
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
Skyworks Solutions Inc.
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com