Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8798 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8798
Description  Dual 8-bit, 100 Msps A/D converter with DPGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8798 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8798 Datasheet HTML 4Page - NXP Semiconductors TDA8798 Datasheet HTML 5Page - NXP Semiconductors TDA8798 Datasheet HTML 6Page - NXP Semiconductors TDA8798 Datasheet HTML 7Page - NXP Semiconductors TDA8798 Datasheet HTML 8Page - NXP Semiconductors TDA8798 Datasheet HTML 9Page - NXP Semiconductors TDA8798 Datasheet HTML 10Page - NXP Semiconductors TDA8798 Datasheet HTML 11Page - NXP Semiconductors TDA8798 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Sep 16
8
Philips Semiconductors
Objective specification
Dual 8-bit, 100 Msps A/D converter with
DPGA
TDA8798
Table 1
Serial interface truth table; see notes 1 and 2
Notes
1. ‘
← Di’: shifting LSB and loading new LSB with value Di.
2. In count-up/count-down mode, the gain control register cannot be incremented above the maximum gain value of 63,
or decremented below the minimum gain value of 0.
SMODE
SCLK
SEN1
SEN2
SDATA
ACTION
0
1
1
U
WAIT
0
1
1
Di
SISR: SISR
← Di
0
0
1
1
SISR: SISR
← 1
GCR1: GCR1 + 1
0
0
1
0
SISR: SISR
← 0
GCR1: GCR1
− 1
0
1
0
1
SISR: SISR
← 1
GCR2: GCR2 + 1
0
1
0
0
SISR: SISR
← 0
GCR2: GCR2
− 1
0
0
0
1
SISR: SISR
← 1
GCR1: GCR1 + 1
GCR2: GCR2 + 1
0
0
0
0
SISR: SISR
← 0
GCR1: GCR1
− 1
GCR2: GCR2
− 1
1
U
WAIT
1
Di
SISR: SISR
← Di
1
U
GCR1: SISR
1
U
GCR2: SISR
1
U
GCR1: SISR
GCR2: SISR
X,
X,
X,
X,
X,
X,
X,
X,
X,
X,
X,


Similar Part No. - TDA8798

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
More results

Similar Description - TDA8798

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com