Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML1013 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # ML1013
Description  FOR OPTICAL INFORMATION SYSTEM?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML1013 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  ML1013 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML1013 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
( 3 / 5 )
ML1XX3 SERIES
FOR OPTICAL INFORMATION SYSTEMS
MITSUBISHI
ELECTRIC
Light Output Power vs. Current (CW)
Light Output Power vs. Current (Pulse)
50
40
30
20
10
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Light Output Power, Po (mW)
Tc=25
°C
CW
Threshold Current vs. Temperature
Monitor Photodiode Current
Case Temperature, Tc (
°C)
70
60
50
40
30
20
10
0
10
100
50
Typical Characteristics
as of February '00
CW
200
150
100
50
0
0
10
20
30
40
50
60
Operating Current , Iop(mA)
Operating Current , Iop(mA)
CW
70
°C
60
50
Tc=25 40
200
150
100
50
0
0
10
20
30
40
50
60
Pulse
Duty: 50%
Width: 1
µs
Reference data
Reference data
70
°C
60
50
Tc=25 40


Similar Part No. - ML1013

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1012R MITSUBISHI-ML1012R Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML1016R MITSUBISHI-ML1016R Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML101J18 MITSUBISHI-ML101J18 Datasheet
74Kb / 3P
   MITSUBISHI LASER DIODES
More results

Similar Description - ML1013

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1XX10 MITSUBISHI-ML1XX10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML1XX14 MITSUBISHI-ML1XX14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com