Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4312P+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4312P+
Description  DS4-XO Series Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4312P+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4312P+ Datasheet HTML 1Page - Maxim Integrated Products DS4312P+ Datasheet HTML 2Page - Maxim Integrated Products DS4312P+ Datasheet HTML 3Page - Maxim Integrated Products DS4312P+ Datasheet HTML 4Page - Maxim Integrated Products DS4312P+ Datasheet HTML 5Page - Maxim Integrated Products DS4312P+ Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS
Output High Voltage
VOHLVDSO
100
differential load (Note 1)
1.475
V
Output Low Voltage
VOLLVDSO
100
differential load (Note 1)
0.925
V
Differential Output Voltage
|VODLVDSO|
100
differential load
250
425
mV
Output Common-Mode Voltage
Variation
VLVDSOCOM
100
differential load
150
mV
Change in Differential Magnitude
or Complementary Inputs
|VODLVDSO|
100
differential load
25
mV
Offset Output Voltage
VOFFLVDSO
100
differential load (Note 1)
1.125
1.275
V
Differential Output Impedance
ROLVDSO
80
140
LVSSLVDSO
OUTN or OUTP shorted to ground and
measure the current in the shorting path
40
Output Current
LLVDSO
OUTN or OUTP shorted together
6.5
mA
Output Rise Time (Differential)
tRLVDSO
20% to 80%
175
ps
Output Fall Time (Differential)
tFLVDSO
80% to 20%
175
ps
Duty Cycle
DCYCLE_LVDS
45
55
%
Propagation Delay from OE Going
LOW to Logical 1 at OUTP
tPA1
200
ns
Propagation Delay from OE Going
HIGH to Output Active
tP1A
200
ns
LVPECL
Output High Voltage
VOH
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
VCC -
1.085
VCC -
0.88
V
Output Low Voltage
VOL
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
VCC -
1.825
VCC -
1.62
V
Differential Voltage
VDIFF_PECL
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
0.595
0.710
V
Rise Time
tR-PECL
200
ps
Fall Time
tF-PECL
200
ps
Duty Cycle
DCYCLE_PECL
45
55
%
Propagation Delay from OE Going
LOW to Output High Impedance
tPAZ
200
ns
Propagation Delay from OE Going
HIGH to Output Active
tPZA
200
ns
Note 1: All voltages referenced to ground.
Note 2: AC parameters are guaranteed by design and not production tested.
Note 3: Frequency stability is calculated as:
ΔfTOTAL + ΔfINITIAL + ΔfTEMP + (ΔfVCC x 0.165) + ΔfLOAD + ΔfAGING.
DS4-XO Series Crystal Oscillators


Similar Part No. - DS4312P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4312P++ MAXIM-DS4312P+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
More results

Similar Description - DS4312P+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125_08 Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
logo
Vectron International, ...
XO-400 VECTRON-XO-400_09 Datasheet
141Kb / 2P
   Crystal Oscillators (XO?셲)
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
   Crystal oscillators
logo
Wolfgang Knap
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
   CRYSTAL-OSCILLATORS
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
   CRYSTAL-OSCILLATORS
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
   Crystal Oscillators
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
   Crystal Oscillators
logo
Nel Frequency Controls,...
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com