Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324 Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26324 Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS26324_07 Datasheet HTML 26Page - Dallas Semiconductor DS26324_07 Datasheet HTML 27Page - Dallas Semiconductor DS26324_07 Datasheet HTML 28Page - Dallas Semiconductor DS26324_07 Datasheet HTML 29Page - Dallas Semiconductor DS26324_07 Datasheet HTML 30Page - Dallas Semiconductor DS26324_07 Datasheet HTML 31Page - Dallas Semiconductor DS26324_07 Datasheet HTML 32Page - Dallas Semiconductor DS26324_07 Datasheet HTML 33Page - Dallas Semiconductor DS26324_07 Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
30 of 120
RPOS and RNEG without any modification. The Single-Rail Mode Select Register (SRMS) is used for selection of
dual-rail or single-rail mode. The bipolar violation (and B8ZS/HDB3) detectors detect violations in dual-rail and
single-rail modes, but in dual-rail mode the violations will only be reported to the Line Violation Detect Status
(LVDS) registers.
5.5.9
Receive Single-Rail Mode
Receive single-rail mode consists of the RPOS, RCLK, and CV pins on the system side. B8ZS or HDB3 decoding
is available. The Single-Rail Mode Select Register (SRMS) is used for selection of dual-rail or single-rail mode.
5.5.10 Bipolar Violation and Excessive Zero Detector
The DS26324 detects HDB3 code violations, BPVs, and excessive zero errors. The reporting of the errors is done
through the RNEGn/CVn pin in single-rail mode and the LVDS registers in both single- and dual-rail modes. Code
violations are only detected in E1 mode with HDB3 encoding. The code violation detection declares an error when
a bipolar violation of the same polarity as the last bipolar violation is received.
Excessive zeros are detected if eight consecutive zeros are detected with B8ZS enabled and four consecutive
zeros are detected with HDB3 enabled. Excessive zero detection is enabled via the Excessive Zero Detect Enable
Register (EZDE) and when HDB3/B8ZS encoding/decoding is selected via the Line Code Selection Register (LCS).
The bits in the LCS, EZDE, and CVDEB registers determine the combinations that are reported. Table 5-11
outlines the functionality.
Table 5-11. BPV, Code Violation, and Excessive Zero Error Reporting
CONDITIONS
LCS
EZDE
CVDEB
ERRORS DETECTED
0
0
0
BPV (T1)/Code Violation (E1)
0
0
1
BPV
0
1
0
Excessive Zeros and BPV (T1)/Code Violation (E1)
0
1
1
Excessive Zeros and BPV
1
X
X
BPV


Similar Part No. - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324DK MAXIM-DS26324DK Datasheet
2Mb / 46P
   3.3V, 16-Channel, E1/T1/J1 Short-/Long-Haul LIU Design Kit
REV: 120905
DS26324G MAXIM-DS26324G Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
DS26324G MAXIM-DS26324G Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324G++ MAXIM-DS26324G+ Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
More results

Similar Description - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com