Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324 Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26324 Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS26324_07 Datasheet HTML 66Page - Dallas Semiconductor DS26324_07 Datasheet HTML 67Page - Dallas Semiconductor DS26324_07 Datasheet HTML 68Page - Dallas Semiconductor DS26324_07 Datasheet HTML 69Page - Dallas Semiconductor DS26324_07 Datasheet HTML 70Page - Dallas Semiconductor DS26324_07 Datasheet HTML 71Page - Dallas Semiconductor DS26324_07 Datasheet HTML 72Page - Dallas Semiconductor DS26324_07 Datasheet HTML 73Page - Dallas Semiconductor DS26324_07 Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
70 of 120
Register Name:
RSMM1
Register Description:
Receive Sensitivity Monitor Mode 1
Register Address (LIUs 1–8):
08h
Bit #
7
6
5
4
3
2
1
0
Name
RTR2
C2RSM2
C2RSM1
C2RSM0
RTR1
C1RSM2
C1RSM1
C1RSM0
Default
0
0
0
0
0
0
0
0
Bit 7: Receiver Transformer Turns Ratio Channel 2 (RTR2). If this bit is set the turns ratio is 1:1 on the receiver
side. This bit should be set when a 1:1 receiver transformer is used. Note that in order to use fully internal receive
impedance termination, a 1:1 transformer must be used and this bit must be set to 1.
Bits 6 to 4: Channel 2 Receive Sensitivity/Monitor Select [2:0] (C2RSM[2:0]). Bits C2RSM[2:0] are used to
select the receiver sensitivity level and the monitor mode resistive gain. See Table 6-16.
Bit 3: Receiver Transformer Turns Ratio Channel 1 (RTR1). If this bit is set the turns ratio is 1:1 on the receiver
side. This bit should be set when a 1:1 receiver transformer is used. Note that in order to use the fully internal
receive impedance termination, a 1:1 transformer must be used and this bit must be set to 1.
Bits 2 to 0: Channel 1 Receive Sensitivity/Monitor Select [2:0] (C1RSM[2:0]). Bits C1RSM[2:0] are used to
select the receiver sensitivity level and the monitor mode resistive gain. See Table 6-16.
Register Address (LIUs 9–16):
28h
Bit #
7
6
5
4
3
2
1
0
Name
RTR10
C10RSM2
C10RSM1
C10RSM0
RTR9
C9RSM2
C9RSM1
C9RSM0
Default
0
0
0
0
0
0
0
0
Bit 7: Receiver Transformer Turns Ratio Channel 10 (RTR10). If this bit is set the turns ratio is 1:1 on the
receiver side. This bit should be set when a 1:1 receiver transformer is used. Note that in order to use fully internal
receive impedance termination, a 1:1 transformer must be used and this bit must be set to 1.
Bits 6 to 4: Channel 10 Receive Sensitivity/Monitor Select [2:0] (C10RSM[2:0]). Bits C10RSM[2:0] are used to
select the receiver sensitivity level and the monitor mode resistive gain. See Table 6-16.
Bit 3: Receiver Transformer Turns Ratio Channel 9 (RTR9). If this bit is set the Turns Ratio is 1:1 on the
receiver side. This bit should be set when a 1:1 receiver transformer is used. Note that in order to use the fully
internal receive impedance termination, a 1:1 transformer must be used and this bit must be set to 1.
Bits 2 to 0: Channel 9 Receive Sensitivity/Monitor Select [2:0] (C9RSM[2:0]). Bits C9RSM[2:0] are used to
select the receiver sensitivity level and the monitor mode resistive gain. See Table 6-16.


Similar Part No. - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324DK MAXIM-DS26324DK Datasheet
2Mb / 46P
   3.3V, 16-Channel, E1/T1/J1 Short-/Long-Haul LIU Design Kit
REV: 120905
DS26324G MAXIM-DS26324G Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
DS26324G MAXIM-DS26324G Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324G++ MAXIM-DS26324G+ Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
More results

Similar Description - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com