Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26324 Datasheet(PDF) 51 Page - Dallas Semiconductor

Part # DS26324
Description  3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26324 Datasheet(HTML) 51 Page - Dallas Semiconductor

Back Button DS26324_07 Datasheet HTML 47Page - Dallas Semiconductor DS26324_07 Datasheet HTML 48Page - Dallas Semiconductor DS26324_07 Datasheet HTML 49Page - Dallas Semiconductor DS26324_07 Datasheet HTML 50Page - Dallas Semiconductor DS26324_07 Datasheet HTML 51Page - Dallas Semiconductor DS26324_07 Datasheet HTML 52Page - Dallas Semiconductor DS26324_07 Datasheet HTML 53Page - Dallas Semiconductor DS26324_07 Datasheet HTML 54Page - Dallas Semiconductor DS26324_07 Datasheet HTML 55Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 120 page
background image
DS26324 3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
51 of 120
Register Name:
LOSIS
Register Description:
Loss of Signal Interrupt Status
Register Address (LIUs 1–8):
08h
Bit #
7
6
5
4
3
2
1
0
Name
LOSIS8
LOSIS7
LOSIS6
LOSIS5
LOSIS4
LOSIS3
LOSIS2
LOSIS1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9–16):
28h
Bit #
7
6
5
4
3
2
1
0
Name
LOSIS16
LOSIS15
LOSIS14
LOSIS13
LOSIS12
LOSIS11
LOSIS10
LOSIS9
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Loss of Signal Interrupt Status Channel n (LOSISn). When this bit is set, it indicates a LOS status
has transition from a “0 to 1” or “1 to 0” and was detected for LIUn. The bit for LIUn is enabled by register LOSIE
(06h). This bit when latched is cleared on a read operation.
Register Name:
DFMIS
Register Description:
Driver Fault Monitor Interrupt Status
Register Address (LIUs 1–8):
09h
Bit #
7
6
5
4
3
2
1
0
Name
DFMIS8
DFMIS7
DFMIS6
DFMIS5
DFMIS4
DFMIS3
DFMIS2
DFMIS1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9–16):
29h
Bit #
7
6
5
4
3
2
1
0
Name
DFMIS16
DFMIS15
DFMIS14
DFMIS13
DFMIS12
DFMIS11
DFMIS10
DFMIS9
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Driver Fault Status Register Channel n (DFMISn). When this bit is set, it indicates a DFM status has
transitioned from “0 to 1” or “1 to 0” and was detected for LIUn. The bit for LIUn is enabled by register DFMIE (07h).
This bit when latched is cleared on a read operation.


Similar Part No. - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324DK MAXIM-DS26324DK Datasheet
2Mb / 46P
   3.3V, 16-Channel, E1/T1/J1 Short-/Long-Haul LIU Design Kit
REV: 120905
DS26324G MAXIM-DS26324G Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
DS26324G MAXIM-DS26324G Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324G++ MAXIM-DS26324G+ Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26324GN MAXIM-DS26324GN Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
More results

Similar Description - DS26324_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20416 IDT-IDT82P20416 Datasheet
1Mb / 121P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS26334 MAXIM-DS26334 Datasheet
1Mb / 121P
   3.3V, 16-Channel, E1/T1/J1 Short- and Long-Haul Line Interface Unit
19-5753; Rev 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com