Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3104GN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3104GN
Description  Line Card Timing IC with Synchronous Ethernet Support
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3104GN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3104GN Datasheet HTML 3Page - Maxim Integrated Products DS3104GN Datasheet HTML 4Page - Maxim Integrated Products DS3104GN Datasheet HTML 5Page - Maxim Integrated Products DS3104GN Datasheet HTML 6Page - Maxim Integrated Products DS3104GN Datasheet HTML 7Page - Maxim Integrated Products DS3104GN Datasheet HTML 8Page - Maxim Integrated Products DS3104GN Datasheet HTML 9Page - Maxim Integrated Products DS3104GN Datasheet HTML 10Page - Maxim Integrated Products DS3104GN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
________________________________________________________________________________________ DS3104-SE
7
2.
Application Example
Figure 2-1. Typical Application Example
4-Port Gigabit Ethernet Line Card
Synchronization clock flow only.
10-Gigabit and Fast Ethernet ports and SONET/SDH
ports also supported.
T4 DPLL
IC3
OC5
from SONET/SDH framers
on the card (if any)
to Backplane
and Timing
Cards
T0 DPLL
Input Clock
Selector,
Divider,
Monitor
from Master
and Slave
Timing Cards
IC1
IC2
Input Clock
Selector,
Divider,
Monitor
OC1
19.44 MHz CMOS/TTL
OC2
OC3
OC4
GigE
PHY
GigE
MAC
RX_CLK
RX GMII
TX GMII
to GigE
optical
components
GigE
MAC
GigE
MAC
GigE
PHY
RX_CLK
RX GMII
TX GMII
to GigE
optical
components
GigE
PHY
RX_CLK
RX GMII
TX GMII
to GigE
optical
components
GigE
MAC
GigE
PHY
RX_CLK
RX GMII
TX GMII
to GigE
optical
components
IC4
IC8
IC9
125 MHz CMOS/TTL
holdover,
phase build-out,
frequency conversion
frequency conversion
DS3104-SE


Similar Part No. - DS3104GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3104GN MAXIM-DS3104GN Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3104GN++ MAXIM-DS3104GN+ Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
More results

Similar Description - DS3104GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3104-SE MAXIM-DS3104-SE Datasheet
694Kb / 136P
   Line Card Timing IC with Synchronous Ethernet Support
Rev 6; 5/09
DS3102 MAXIM-DS3102_08 Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102808
DS3102 MAXIM-DS3102 Datasheet
1Mb / 141P
   Stratum 3 Timing Card IC with Synchronous Ethernet Support
Rev: 102607
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
   Line Card Timing IC
REV: 061507
DS3105 MAXIM-DS3105_09 Datasheet
595Kb / 120P
   Line Card Timing IC
Rev 3; 5/09
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
   Line Card Timing IC
Rev 3; 5/09
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com