Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3234 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS3234
Description  Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3234 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS3234_07 Datasheet HTML 12Page - Maxim Integrated Products DS3234_07 Datasheet HTML 13Page - Maxim Integrated Products DS3234_07 Datasheet HTML 14Page - Maxim Integrated Products DS3234_07 Datasheet HTML 15Page - Maxim Integrated Products DS3234_07 Datasheet HTML 16Page - Maxim Integrated Products DS3234_07 Datasheet HTML 17Page - Maxim Integrated Products DS3234_07 Datasheet HTML 18Page - Maxim Integrated Products DS3234_07 Datasheet HTML 19Page - Maxim Integrated Products DS3234_07 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Extremely Accurate SPI Bus RTC with
Integrated Crystal and SRAM
____________________________________________________________________
17
Temperature Control
Register (13h/93h)
Bit 0: Battery-Backed Temperature Conversion
Disable (BB_TD). The battery-backed tempconv dis-
able bit prevents automatic temperature conversions
when the device is powered by the VBAT supply. This
reduces the battery current at the expense of frequen-
cy accuracy.
SRAM Address Register
(18h/98h)
The SRAM address register provides the 8-bit address
of the 256-byte memory array. The desired memory
address should be written to this register before the
data register is accessed. The contents of this register
are incremented automatically if the data register is
accessed more than once during a single transfer.
When the contents of the address register reach 0FFh,
the next access causes the register to roll over to 00h.
SRAM Data Register (19h/99h)
The SRAM data register provides the data to be written
to or the data read from the 256-byte memory array.
During a read cycle, the data in this register is that
found in the memory location in the SRAM address reg-
ister (18h/98h). During a write cycle, the data in this reg-
ister is placed in the memory location in the SRAM
address register (18h/98h). When the SRAM data regis-
ter is read or written, the internal register pointer
remains at 19h/99h and the SRAM address register
increments after each byte that is read or written, allow-
ing multibyte transfers.
SPI Serial Data Bus
The DS3234 provides a 4-wire SPI serial data bus to com-
municate in systems with an SPI host controller. The
DS3234 supports both single byte and multiple byte data
transfers for maximum flexibility. The DIN and DOUT pins
are the serial data input and output pins, respectively.
The CS input is used to initiate and terminate a data
transfer. The SCLK pin is used to synchronize data move-
ment between the master (microcontroller) and the slave
devices (see Table 3). The shift clock (SCLK), which is
generated by the microcontroller, is active only during
address and data transfer to any device on the SPI bus.
Input data (DIN) is latched on the internal strobe edge
and output data (DOUT) is shifted out on the shift edge
(Figure 2). There is one clock for each bit transferred.
Address and data bits are transferred in groups of eight.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME:
0
0
0
0
0
0
0
BB_TD
POR*:
0
0
000
000
Temperature Control (13h/93h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME:
A7
A6
A5
A4
A2
A1
A1
A0
SRAM Address (18h/98h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME:
D7
D6
D5
D4
D2
D1
D1
D0
SRAM Data (19h/99h)
CS
SCLK WHEN CPOL = 0
SCLK WHEN CPOL = 1
DATA LATCH (WRITE/INTERNAL STROBE)
SHIFT DATA OUT (READ)
DATA LATCH (WRITE/INTERNAL STROBE)
SHIFT DATA OUT (READ)
NOTE 1: CPHA BIT POLARITY (IF APPLICABLE) MAY NEED TO BE SET ACCORDINGLY.
NOTE 2: CPOL IS A BIT SET IN THE MICROCONTROLLER'S CONTROL REGISTER.
NOTE 3: DOUT REMAINS AT HIGH IMPEDANCE UNTIL 8 BITS OF DATA ARE READY TO BE
SHIFTED OUT DURING A READ.
Figure 2. Serial Clock as a Function of Microcontroller Clock-
Polarity Bit
Note: These registers do not default to any specific value.
*POR is defined as the first application of power to the device, either VBAT or VCC.


Similar Part No. - DS3234_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234 MAXIM-DS3234_08 Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
More results

Similar Description - DS3234_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3234 MAXIM-DS3234 Datasheet
314Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 0; 2/06
DS3234 MAXIM-DS3234_08 Datasheet
291Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 2; 10/08
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com