Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3101 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 23Page - Dallas Semiconductor DS3101 Datasheet HTML 24Page - Dallas Semiconductor DS3101 Datasheet HTML 25Page - Dallas Semiconductor DS3101 Datasheet HTML 26Page - Dallas Semiconductor DS3101 Datasheet HTML 27Page - Dallas Semiconductor DS3101 Datasheet HTML 28Page - Dallas Semiconductor DS3101 Datasheet HTML 29Page - Dallas Semiconductor DS3101 Datasheet HTML 30Page - Dallas Semiconductor DS3101 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
27 of 149
7.6.6
Output Clock Phase Continuity During Reference Switching
If phase build out is enabled (PBOEN = 1 in MCR10) or the DPLL frequency limit (DLIMIT) is set to less than
±30ppm then the device always complies with the GR-1244-CORE requirement that the rate of phase change must
be less than 81ns per 1.326ms during reference switching.
7.7
DPLL Architecture and Configuration
Both the T0 and T4 paths of the device are digital PLLs (DPLLs) with analog PLLs (APLLs) at the output stage.
This architecture combines the benefits of both PLL types.
Digital PLLs have two key benefits: (1) stable, repeatable performance that is insensitive to process variations,
temperature and voltage, and (2) flexible behavior that is easily programmed via configuration registers. DPLLs use
digital frequency synthesis (DFS) to generate various clocks. In DFS, a high-speed master clock (204.8MHz) is
multiplied up from the 12.800MHz local oscillator clock applied to the REFCLK pin. This master clock is then
digitally divided down to the desired output frequency. Since the resolution of the DFS process is one master clock
cycle or 4.88ns, the DFS output clock has jitter of up to 1 master clock UI (4.88ns) pk-pk.
The analog PLLs filter the jitter from the DPLLs, reducing the 4.88ns pk-pk jitter to 0.5ns pk-pk and 60ps RMS,
typical, measured broadband (10Hz to 1GHz).
The DPLLs in the device are configurable for many PLL parameters including bandwidth, damping factor, input
frequency, pull-in/hold-in range, loop frequency, output frequency, input-to-output phase offset, phase build-out,
and more. No knowledge of loop equations or gain parameters is required to configure and operate the device. No
external components are required for the DPLLs or the APLLs except the high-quality local oscillator connected to
the REFCLK pin.
The T0 path is the main path through the device, and the T0 DPLL has a full free-run/locked/holdover state
machine and full programmability. The T4 path is a simpler frequency converter/synthesis path, lacking the low
bandwidth settings, phase build-out, phase adjustment controls, and holdover state found in the T0 DPLL.
7.7.1
T0 DPLL State Machine
The T0 DPLL has three main timing modes: locked, holdover, and free-run. The control state machine for the T0
DPLL has states for each timing mode as well as three temporary states: prelocked, prelocked 2, and loss-of-lock.
The state transition diagram is shown in Figure 7-1. Descriptions of each state are given in the paragraphs below.
During normal operation the state machine controls state transitions. When necessary, however, the state can be
forced using the T0STATE field of the MCR1 register.
Whenever the T0 DPLL changes state, the STATE bit in MSR2 is set, which can cause an interrupt request if
enabled. The current T0 DPLL state can be read from the T0STATE field of the OPSTATE register.
7.7.1.1
Free-Run State
Free-run mode is the reset default state. In free-run, all output clocks are derived from the 12.800MHz local
oscillator attached to the REFCLK pin. The frequency of each output clock is a specific multiple of the local
oscillator. The frequency accuracy of each output clock is equal to the frequency accuracy of the master clock (see
Section 7.3). The state machine transitions from free-run to the prelocked state when at least one input clock is
valid.
7.7.1.2
Prelocked State
The prelocked state provides a 100-second period (default value of PHLKTO register) for the DPLL to lock to the
selected reference. If phase lock is achieved during this period then the state machine transitions to locked mode.
If the DPLL fails to lock to the selected reference within the phase-lock time-out period specified by PHLKTO then a
phase lock alarm is raised (corresponding LOCK bit set in the ISR register), invalidating the input (ICn bit goes low
in VALSR registers). If another input clock is valid then the state machine re-enters the prelocked state and tries to
lock to the alternate input clock. If no other input clocks are valid then the state machine transitions back to the
free-run state.
In revertive mode (REVERT = 1 in MCR3), if a higher priority input clock becomes valid during the phase-lock
timeout period, then the state machine re-enters the prelocked state and tries to lock the higher priority input. If a


Similar Part No. - DS3101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3101GN MAXIM-DS3101GN Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3101GN++ MAXIM-DS3101GN+ Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
More results

Similar Description - DS3101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100DK MAXIM-DS3100DK Datasheet
2Mb / 32P
   Stratum 3/E3 Timing Card IC Demo Kit
REV: 110206
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com