Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1055 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1055
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1055 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1055 Datasheet HTML 7Page - Microchip Technology TC1055 Datasheet HTML 8Page - Microchip Technology TC1055 Datasheet HTML 9Page - Microchip Technology TC1055 Datasheet HTML 10Page - Microchip Technology TC1055 Datasheet HTML 11Page - Microchip Technology TC1055 Datasheet HTML 12Page - Microchip Technology TC1055 Datasheet HTML 13Page - Microchip Technology TC1055 Datasheet HTML 14Page - Microchip Technology TC1055 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21350D-page 11
TC1054/TC1055/TC1186
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
(V)
TC1054
Code
TC1055
Code
TC1186
Code
1.8
CY
DY
PY
2.5
C1
D1
P1
2.6
CTDTPV
2.7
C2
D2
P2
2.8
CZ
DZ
PZ
2.85
C8
D8
P8
3.0
C3
D3
P3
3.3
C4
D4
P5
3.6
C9
D9
P9
4.0
C0
D0
P0
5.0
C6
D6
P7
5
1
4
2
3
1 2 3 4
5-Pin SOT-23
represents part number code +
temperature range and voltage
&
1
2
represents year and quarter code
3
represents lot ID number
4


Similar Part No. - TC1055

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1055 MICROCHIP-TC1055 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1055 MICROCHIP-TC1055 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1055-1.8VCT MICROCHIP-TC1055-1.8VCT Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1055-1.8VCT713 MICROCHIP-TC1055-1.8VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1055-2.5VCT MICROCHIP-TC1055-2.5VCT Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
More results

Similar Description - TC1055

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com