Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8783HL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8783HL
Description  40 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8783HL Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8783HL Datasheet HTML 1Page - NXP Semiconductors TDA8783HL Datasheet HTML 2Page - NXP Semiconductors TDA8783HL Datasheet HTML 3Page - NXP Semiconductors TDA8783HL Datasheet HTML 4Page - NXP Semiconductors TDA8783HL Datasheet HTML 5Page - NXP Semiconductors TDA8783HL Datasheet HTML 6Page - NXP Semiconductors TDA8783HL Datasheet HTML 7Page - NXP Semiconductors TDA8783HL Datasheet HTML 8Page - NXP Semiconductors TDA8783HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1999 Jun 25
3
Philips Semiconductors
Product specification
40 Msps, 10-bit analog-to-digital interface
for CCD cameras
TDA8783
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5
5.25
V
VCCD
digital supply voltage
4.75
5
5.25
V
VCCO
digital outputs supply voltage
2.5
3
5.25
V
ICCA
analog supply current
78
85
mA
ICCD
digital supply current
18
20
mA
ICCO
digital outputs supply current
fCLK = 27 MHz;
CL = 20 pF; ramp input
1
mA
ADCres
ADC resolution
10
bits
Vi(CDS)(p-p)
CDS input voltage (peak-to-peak value)
400
1200
mV
GCDS
CDS output amplifier gain
6
dB
fCLK(max)
maximum clock frequency
fcut(CDS) = 120 MHz;
fcut(AGC) = 54 MHz
40
−−
MHz
AGCdyn
AGC dynamic range
30
dB
Ntot(rms)
total noise from CDS input to ADC output
(RMS value)
gain = 4.5 dB;
fcut(CDS) = 120 MHz;
fcut(AGC) = 54 MHz
0.125
LSB
Ptot
total power consumption
483
550
mW


Similar Part No. - TDA8783HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Similar Description - TDA8783HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com