Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8779 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8779 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Sep 18
3
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8779H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
Fig.1 Block diagram.
handbook, full pagewidth
MGG075
1
23
5
4
10
6
8
9
12
11
33
32
30
27
26
25
13
15-24
44
34-43
OGND
OE
31
VCCD1
CLKA
28
DGND1
TDA8779
STDBYD
CLKD
DGND2
AGND1
DEC1
DEC2
DEC3
INI
DEC4
INQ
VCCA2
OUTI
OUTQ
29
STDBYA
D0A to D9A
VCCO
AGND2
14
VCCD2
D0D to D9D
7
VCCA1
DEC5
INPUT
BIAS
BUFFER
LATCHES
MUX
BUFFER
BUFFER
BUFFER
REFERENCE
REGULATOR
REFERENCE
REGULATOR
10-BIT
ADC
10-BIT
ADC
10-BIT
DAC
10-BIT
DAC
10
10
10
10
10
10
10
10
LATCHES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn