Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8779 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8779 Datasheet HTML 12Page - NXP Semiconductors TDA8779 Datasheet HTML 13Page - NXP Semiconductors TDA8779 Datasheet HTML 14Page - NXP Semiconductors TDA8779 Datasheet HTML 15Page - NXP Semiconductors TDA8779 Datasheet HTML 16Page - NXP Semiconductors TDA8779 Datasheet HTML 17Page - NXP Semiconductors TDA8779 Datasheet HTML 18Page - NXP Semiconductors TDA8779 Datasheet HTML 19Page - NXP Semiconductors TDA8779 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
1996 Sep 18
17
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Reflow soldering
Reflow soldering techniques are suitable for all QFP
packages.
The choice of heating method may be influenced by larger
plastic QFP packages (44 leads, or more). If infrared or
vapour phase heating is used and the large packages are
not absolutely dry (less than 0.1% moisture content by
weight), vaporization of the small amount of moisture in
them can cause cracking of the plastic body. For more
information, refer to the Drypack chapter in our
“Quality
Reference Handbook” (order code 9397 750 00192).
Reflow soldering requires solder paste (a suspension of
fine solder particles, flux and binding agent) to be applied
to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement.
Several techniques exist for reflowing; for example,
thermal conduction by heated belt. Dwell times vary
between 50 and 300 seconds depending on heating
method. Typical reflow temperatures range from
215 to 250
°C.
Preheating is necessary to dry the paste and evaporate
the binding agent. Preheating duration: 45 minutes at
45
°C.
Wave soldering
Wave soldering is not recommended for QFP packages.
This is because of the likelihood of solder bridging due to
closely-spaced leads and the possibility of incomplete
solder penetration in multi-lead devices.
If wave soldering cannot be avoided, the following
conditions must be observed:
• A double-wave (a turbulent wave with high upward
pressure followed by a smooth laminar wave)
soldering technique should be used.
• The footprint must be at an angle of 45° to the board
direction and must incorporate solder thieves
downstream and at the side corners.
Even with these conditions, do not consider wave
soldering the following packages: QFP52 (SOT379-1),
QFP100 (SOT317-1), QFP100 (SOT317-2),
QFP100 (SOT382-1) or QFP160 (SOT322-1).
During placement and before soldering, the package must
be fixed with a droplet of adhesive. The adhesive can be
applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the
adhesive is cured.
Maximum permissible solder temperature is 260
°C, and
maximum duration of package immersion in solder is
10 seconds, if cooled to less than 150
°C within
6 seconds. Typical dwell time is 4 seconds at 250
°C.
A mildly-activated flux will eliminate the need for removal
of corrosive residues in most applications.
Repairing soldered joints
Fix the component by first soldering two diagonally-
opposite end leads. Use only a low voltage soldering iron
(less than 24 V) applied to the flat part of the lead. Contact
time must be limited to 10 seconds at up to 300
°C. When
using a dedicated tool, all other leads can be soldered in
one operation within 2 to 5 seconds between
270 and 320
°C.


Similar Part No. - TDA8779

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
More results

Similar Description - TDA8779

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
   10-BIT DAC
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1669 LINER-LTC1669_15 Datasheet
169Kb / 16P
   10-Bit Rail-to-Rail Micropower DAC with IC Interface
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com