Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC1313-AA0EMF Datasheet(PDF) 16 Page - Microchip Technology

Part No. TC1313-AA0EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AA0EMF Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1313-AA0EMF Datasheet HTML 12Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 13Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 14Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 15Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 16Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 17Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 18Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 19Page - Microchip Technology TC1313-AA0EMF Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC1313
DS21974A-page 16
© 2005 Microchip Technology Inc.
5.0
APPLICATION
CIRCUITS/ISSUES
5.1
Typical Applications
The TC1313 500 mA buck regulator + 300 mA LDO
operates over a wide input-voltage range (2.7V to 5.5V)
and is ideal for single-cell Li-Ion battery-powered
applications, USB-powered applications, three-cell
NiMH or NiCd applications and 3V to 5V regulated
input applications. The 10-pin MSOP and 3X3 DFN
packages provide a small footprint with minimal exter-
nal components.
5.2
Fixed-Output Application
A typical VOUT1 fixed-output voltage application is
shown in “Typical Application Circuits”. A 4.7 µF
VIN1 ceramic input capacitor, 4.7 µF VOUT1 ceramic
capacitor, 1.0 µF ceramic VOUT2 capacitor and 4.7 µH
inductor make up the entire external component
solution for this dual-output application. No external
dividers or compensation components are necessary.
For this application, the input-voltage range is 2.7V to
4.2V, VOUT1 = 1.5V at 500 mA, while VOUT2 =2.5V at
300 mA.
5.3
Adjustable-Output Application
A typical VOUT1 adjustable-output application is also
shown in “Typical Application Circuits”. For this
application, the buck regulator output voltage is adjust-
able by using two external resistors as a voltage
divider. For adjustable-output voltages, it is recom-
mended that the top resistor divider value be 200 k
Ω.
The bottom resistor divider can be calculated using the
following formula:
EQUATION 5-1:
Example:
For adjustable output applications, an additional R-C
compensation is necessary for the buck regulator
control loop stability. Recommended values are:
An additional VIN2 capacitor can be added to reduce
high-frequency noise on the LDO input-voltage pin
(VIN2). This additional capacitor (1 µF) is not necessary
for typical applications.
5.4
Input and Output Capacitor
Selection
As with all buck-derived dc-dc switching regulators, the
input current is pulled from the source in pulses. This
places a burden on the TC1313 input filter capacitor. In
most applications, a minimum of 4.7 µF is recom-
mended on VIN1 (buck regulator input-voltage pin). In
applications that have high source impedance, or have
long leads (10 inches) connecting to the input source,
additional capacitance should be used. The capacitor
type can be electrolytic (aluminum, tantalum, POSCAP,
OSCON) or ceramic. For most portable electronic
applications, ceramic capacitors are preferred due to
their small size and low cost.
For applications that require very low noise on the LDO
output, an additional capacitor (typically 1 µF) can be
added to the VIN2 pin (LDO input voltage pin).
Low ESR electrolytic or ceramic can be used for the
buck regulator output capacitor. Again, ceramic is
recommended because of its physical attributes and
cost. For most applications, a 4.7 µF is recommended.
Refer to Table 5-1 for recommended values. Larger
capacitors (up to 22 µF) can be used. There are some
advantages in load step performance when using
larger value capacitors. Ceramic materials, X7R and
X5R, have low temperature coefficients and are well
within the acceptable ESR range required.
TABLE 5-1:
TC1313 RECOMMENDED
CAPACITOR VALUES
RTOP =200 kΩ
VOUT1 =2.1V
VFB =0.8V
RBOT =200 kΩ x (0.8V/(2.1V – 0.8V))
RBOT =123 kΩ (Standard Value = 121 kΩ)
RCOMP =4.99 kΩ
CCOMP =33 pF
R
BOT
R
TOP
V
FB
V
OUT1
V
FB
--------------------------------
⎝⎠
⎛⎞
×
=
C (VIN1)C (VIN2)COUT1
COUT2
Min
4.7 µF
none
4.7 µF
1 µF
Max
none
none
22 µF
10 µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn